Electronic Components Datasheet Search
  English  ▼

X  

ATV2500BQL Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATV2500BQL
Description  High-Speed High-Density UV Erasable Programmable Logic Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500BQL Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATV2500BQL Datasheet HTML 10Page - ATMEL Corporation ATV2500BQL Datasheet HTML 11Page - ATMEL Corporation ATV2500BQL Datasheet HTML 12Page - ATMEL Corporation ATV2500BQL Datasheet HTML 13Page - ATMEL Corporation ATV2500BQL Datasheet HTML 14Page - ATMEL Corporation ATV2500BQL Datasheet HTML 15Page - ATMEL Corporation ATV2500BQL Datasheet HTML 16Page - ATMEL Corporation ATV2500BQL Datasheet HTML 17Page - ATMEL Corporation ATV2500BQL Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ATV2500B
15
Ordering Information
tPD
(ns)
tCOS
(ns)
Ext. fMAXS
(MHz)
Ordering Code
Package
Operation Range
12
7.5
69
ATV2500B-12JC
44J
Commercial
ATV2500B-12KC
44KW
(0
°C to 70°C)
15
10
52
ATV2500B-15JC
44J
Commercial
ATV2500B-15KC
44KW
(0
°C to 70°C)
ATV2500B-15JI
44J
Industrial
ATV2500B-15KI
44KW
(-40
°C to 85°C)
ATV2500B-15KM
44KW
Military
ATV2500B-15LM
44LW
(-55
°C to 125°C)
ATV2500B-15KM/883
44KW
Military/883C
ATV2500B-15LM/883
44LW
(-55
°C to 125°C)
Class B, Fully Compliant
20
11
40
ATV2500BL-20JC
44J
Commercial
ATV2500BL-20KC
44KW
(0
°C to 70°C)
ATV2500BL-20JI
44J
Industrial
ATV2500BL-20KI
44KW
(-40
°C to 85°C)
ATV2500BL-20KM
44KW
Military
ATV2500BL-20LM
44LW
(-55
°C to 125°C)
ATV2500BL-20KM/883
44KW
Military/883C
ATV2500BL-20LM/883
44LW
(-55
°C to 125°C)
Class B, Fully Compliant
20
11
40
ATV2500BQ-20DC
40DW6
Commercial
ATV2500BQ-20JC
44J
(0
°C to 70°C)
ATV2500BQ-20KC
44KW
ATV2500BQ-20PC
40P6
25
12
31
ATV2500BQ-25DC
40DW6
Commercial
ATV2500BQ-25JC
44J
(0
°C to 70°C)
ATV2500BQ-25KC
44KW
ATV2500BQ-25PC
40P6
ATV2500BQ-25DI
40DW6
Industrial
ATV2500BQ-25JI
44J
(-40
°C to 85°C)
ATV2500BQ-25KI
44KW
ATV2500BQ-25PI
40P6
ATV2500BQ-25DM
40DW6
Military/883C
ATV2500BQ-25KM
44KW
(-55
°C to 125°C)
ATV2500BQ-25LM
44LW
ATV2500BQ-25DM/883
40DW6
Military/883C
ATV2500BQ-25KM/883
44KW
(-55
°C to 125°C)
ATV2500BQ-25LM/883
44LW
Class B, Fully Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com