Electronic Components Datasheet Search
  English  ▼

X  

ATV2500BQL Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATV2500BQL
Description  High-Speed High-Density UV Erasable Programmable Logic Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500BQL Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATV2500BQL Datasheet HTML 7Page - ATMEL Corporation ATV2500BQL Datasheet HTML 8Page - ATMEL Corporation ATV2500BQL Datasheet HTML 9Page - ATMEL Corporation ATV2500BQL Datasheet HTML 10Page - ATMEL Corporation ATV2500BQL Datasheet HTML 11Page - ATMEL Corporation ATV2500BQL Datasheet HTML 12Page - ATMEL Corporation ATV2500BQL Datasheet HTML 13Page - ATMEL Corporation ATV2500BQL Datasheet HTML 14Page - ATMEL Corporation ATV2500BQL Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ATV2500B
11
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of ATV2500B fuse patterns. Once programmed, the out-
puts will read programmed during verify. The security
fuse should be programmed last, as its effect is immediate.
The security fuse also inhibits Preload and Q2 observabil-
ity.
Atmel CMOS PLDs
The ATV2500Bs utilize an advanced 0.65-micron CMOS
EPROM technology. This technology's state of the art fea-
tures are the optimum combination for PLDs:
• CMOS technology provides high speed, low power, and
high noise immunity.
• EPROM technology is the most cost effective method for
producing
PLDs
-
surpassing
bipolar
fusible
link
technology in low cost, while providing the necessary
reprogrammability.
• EPROM reprogrammability, which is 100% tested before
shipment, provides inherently better programmability and
reliability than one-time fusible PLDs.
Using the ATV2500Bs Many Advanced
Features
The ATV2500Bs advanced flexibility packs more usable
ga tes in to 4 4 le ads th an ot he r PLDs. Som e of th e
ATV2500Bs key features are:
• Fully Connected Logic Array -
Each array input is always available to every product term.
This makes logic placement a breeze.
• Selectable D- and T-Type Registers -
Each ATV2500B flip-flop can be individually configured as
either D- or T-type. Using the T-type configuration, JK and
SR flip-flops are also easily created. These options allow
more efficient product term usage.
• Buried Combinatorial Feedback -
Each macrocell's Q2 register may be bypassed to feed its
input (D/T2) directly back to the logic array. This provides
further logic expansion capability without using precious pin
resources.
• Selectable Synchronous/Asynchronous Clocking -
Each of the ATV2500Bs flip-flops has a dedicated clock
product term. This removes the constraint that all registers
use the same clock. Buried state machines, counters and
registers can all coexist in one device while running on sep-
arate clocks. Individual flip-flop clock source selection fur-
ther allows mixing higher performance pin clocking and
flexible product term clocking within one design.
• A Total of 48 Registers -
The ATV2500B provides two flip-flops per macrocell - a
total of 48. Each register has its own clock and reset terms,
as well as its own sum term.
• Independent I/O Pin and Feedback Paths -
Each I/O pin on the ATV2500B has a dedicated input path.
Each of the 48 registers has its own feedback term into the
array as well. These features, combined with individual
product terms for each I/O's output enable, facilitate true bi-
directional I/O design.
• Combinable Sum Terms -
Each output macrocell's three sum terms may be combined
into a single term. This provides a fan in of up to 12 product
terms per sum term with no speed penalty.
Programming Software Support
As with all other Atmel PLDs, several third party PLD devel-
opment software products and programmers will support
the ATV2500Bs.
Se vera l t h ird p a rt y pro g ra mme rs w ill sup port t h e
ATV2500B as well. Additionally, the ATV2500B may be
programmed to perform the ATV2500H/Ls functional sub-
set (no T-type flip-flops, pin clocking or D/T2 feedback)
using the ATV2500H/L JEDEC file. In this case, the
ATV2500B becomes a direct replacement or speed
upgrade for the ATV2500H/L (additional GND connections
are required). Please refer to the Programmable Logic
Development Tools section for a complete PLD software
and programmer listing.
Erasure Characteristics
The entire memory array of an ATV2500B is erased after
exposure to ultraviolet light at a wavelength of 2537 Å.
Complete erasure is assured after a minimum of 20 min-
utes exposure using 12,000
µW/cm2 intensity lamps
spaced one inch away from the chip. Minimum erase time
for lamps at other intensity ratings can be calculated from
the minimum integrated erasure dose of 15 W•sec/cm
2. To
prevent unintentional erasure, an opaque label is recom-
mended to cover the clear window on any UV erasable
PLD which will be subjected to continuous fluorescent
indoor lighting or sunlight.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com