Electronic Components Datasheet Search
  English  ▼

X  

ML7029 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7029 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ML7029 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
FEDL7029-04
ML7029
10/29
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 2.7 to 3.6 V, Ta = –25 to +70C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply Current
IDD1
Operating Mode No Signal
—
6.0
12
mA
(VDD = 3.0 V, SYNC = 8 kHz)
IDD2
Power Down Mode
(Input pins are fixed)
—
0.01
0.1
mA
Input Leakage Current
IIH
VI = VDD
—
—
2.0
µA
IIL
VI = 0 V
—
—
0.5
µA
Output High Voltage
VOH
IOH = 4 mA
2.4
—
—
V
Output Low Voltage
VOL
IOL = –4 mA
—
—
0.4
V
Input Capacitance
CIN
—
—
5
—
pF
Analog Interface Characteristics
(VDD= 2.7 to 3.6 V, Ta = –25 to +70C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input Resistance
RIN
AIN–
—
10
—
M
Output Load Resistance
RL
GSX, VFRO
20
—
—
k
Output Load Capacitance
CL
GSX, VFRO
—
—
100
pF
Output Amplitude (*2)
VO1
GSX, VFRO (RL = 20 k)
—
—
1.3
VPP
Offset Voltage
VOF
GSX, VFRO
–100
—
+100
mV
SG Output Voltage
VSG
SG
—
1.4
—
V
SG Output Resistance
RSG
SG
—
40
—
k
SG Warm-up Time
TSG
SG
AG 10+0.1F
(Rise time to max. 90% level)
—
700
—
ms
*2: –7.7 dBm (600
) = 0 dBm0, +3.17 dBm0 = 1.3 VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com