Electronic Components Datasheet Search
  English  ▼

X  

ML7029 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7029 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ML7029 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
FEDL7029-04
ML7029
16/29
FUNCTIONAL DESCRIPTION
Control Registers
(1) CR0 (Basic operating mode setting)
B7
B6
B5
B4
B3
B2
B1
B0
CR0
—
—
PDN ALL
—
—
—
—
—
Initial Value
*
*
0
*
*
*
*
*
Note: Initial Value: Reset state by PDN (*: Don’t care)
B7, B6, B4 to B0: Not used (These pins are used to test the device. They should be set to “0” during normal
operation.)
B5:
Power-down (entire system);
0/Power-on, 1/Power-down
0 Red with the inverted external power-down signals.
When using this data, set the
RDN pin to “1”.
(2) CR1 (ADPCM operating mode setting)
B7
B6
B5
B4
B3
B2
B1
B0
CR1
MODE1
MODE0
TX RESET RX RESET TX MUTE RX MUTE
—
RX PAD
Initial Value
0
0
0
0
0
0
*
0
B7, B6:
ADPCM data compression algorithm select (output bit select);
(0, 0): 4-bit output (32 kbps)
(0, 1): 8-bit output (64 kbps)
(1, 0): 3-bit output (24 kbps)
(1, 1): 2-bit output (16 kbps)
Data rates in parentheses: when SYNC = 8 kHz
B5:
ADPCM of transmit reset (specified by G.726); 1/Reset*
B4:
ADPCM of receive reset (specified by G.726);
1/ Reset*
B3:
ADPCM transmit data mute;
1/Mute
B2:
ADPCM receive data mute;
1/Mute
B1:
Not used (This pin is used to test the device. It should be set to “0” during normal operation.
B0:
Receive side PAD;
1/inserted in the receive side voice path, 12 dB loss
0/no PAD
* The reset width should be 1/f sample
s or more.
The transmit and receive sides cannnot be reset separately.
They must be reset at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com