Electronic Components Datasheet Search
  English  ▼

X  

ML7029 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7029 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML7029 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
FEDL7029-04
ML7029
7/29
DEN, EXCK, DIN, DOUT
Serial control ports for MCU interface.
Reading and writing data are performed by an external MCU through these pins. The 8-byte cotrol registers
(CR0 to 7) are provided on the device.
DEN is the “Enable” control signal input, EXCK is the data shift clock input, DIN is the address and data input,
and DOUT is the data output.
Figures 2-1 and 2-2 show the input/output timing diagram. During power-down, the DOUT output is in a high
impedance state.
Figure 2-1 MCU Interface Input/Output Timing (DIN = 12 bits)
(a) Data Write Timing Diagram
(b) Data Read Timing Diagram
EXCK
A2
A1
A0
W
B7 B6
B5
B4
B3
B2
B1
B0
DEN
DIN
DOUT
High Impedance
EXCK
DEN
A2
A1
A0
R
DIN
B7 B6
B5
B4
B3
B2
B1
B0
DOUT
High Impedance
EXCK
DEN
DIN
EXCK
DEN
DIN
Figure 2-2 MCU Interface Input/Output Timing (DIN = 16 bits)
DOUT
DOUT
B7 B6
B5
B4
B3
B2
B1
B0
(a) Data Write Timing Diagram
High Impedance
A2
A1
A0
W
(b) Data Read Timing Diagram
A2
A1
A0
R
B7 B6
B5
B4
B3
B2
B1
B0
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com