Electronic Components Datasheet Search
  English  ▼

X  

ML7029 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7029 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ML7029 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
FEDL7029-04
ML7029
18/29
(4) CR3 (Side tone gain setting)
B7
B6
B5
B4
B3
B2
B1
B0
CR3
Side Tone
GAIN2
Side Tone
GAIN1
Side Tone
GAIN0
—
—
—
HPF
8k/11k
HPF
ON/OFF
Initial Value
0
0
0
*
*
*
0
0
B7, B6, B5: Side tone path gain setting. Refer to Table 3.
B4 to B2: Not used (These pins are used to test the device. They should be set to “0” during normal operation.)
Table 3 Side Tone Pash Gain Setting (when SYNC = 8 kHz)
B7
B6
B5
Side Tone Path Gain
0
0
0
OFF
0
0
1
–21 dB
0
1
0
–19 dB
0
1
1
–17 dB
1
0
0
–15 dB
1
0
1
–13 dB
1
1
0
–11 dB
1
1
1
–9 dB
B1:
Transmit HPF cut-off frequency select;
0/The cut-off frequency of the transmit HPF is the sampling frequency
 0.0275.
When SYNC = 8 kHz: 220 Hz, when SYNC = 11.025 kHz: 300 Hz.
The transmit frequency characteristics are not guaranteed when selecting SYNC = 11.025 kHz.
1/The cut-off frequency of the transmit HPF is the sampling frequency
 0.0200.
When SYNC = 8 kHz: 160 Hz, when SYNC = 11.025 kHz: 220 Hz.
The transmit frequency characteristics are not guaranteed when selecting SYNC = 8 kHz.
B0:
Transmit HPF ON/OFF;
0/ON, 1/OFF
For the frequency characteristics, refer to Figures 9 to 12 in the Reference Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com