Electronic Components Datasheet Search
  English  ▼

X  

ML7029 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7029 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ML7029 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
FEDL7029-04
ML7029
20/29
APPLICATION INFORMATION
Burst Mode Clock
This device can be operated by a burst mode clock (see below).
Figure 5 Example of Burst Mode Clock
Relationship between SYNC and BLCK
B
Figure 7
SYNC
BCLK
1
2
3
4
5
6
7
8
IR
(2)
ADPCM Data Input
0.52/fsample s
Receive Side
Tr
1 s (Range of Data Slip Occurrence)
1/fsample s
A
Figure 6
SYNC
BCLK
1
2
3
4
5
6
7
8
PCMSI
(1)
PCM Data Input
0.83/fsample s
1s (Range of Data Slip Occurrence)
Transmit Side
Ts
1/fsample s
BCLK
SYNC
SYNC Signal Pulse Width
: MIN. 1-bit clock
: MAX. (Number of clocks in burst mode)–1
1
2
3
4
5
6
7
8
1/fsample s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com