Electronic Components Datasheet Search
  English  ▼

X  

ML7029 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7029 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ML7029 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
FEDL7029-04
ML7029
5/29
MCK
Master clock input.
The frequency is 1296 times the SYNC signal. For example, it is 10.368 MHz when the SYNC signal is 8 kHz.
The master clock signal may be asynchronous with BCLK and SYNC.
PCMSO
Transmit PCM data output.
PCM is output from MSB in synchronization with the rising edge of BCLK and XSYNC.
Refer to Figure 1. During power-down, the PCMSO output is at “L” level.
PCMSI
Transmit PCM data input.
This signal is converted to the transmit ADPCM data, PCM is shifted in synchronization with the falling edge of
BCLK. Normally, this pin is connected to PCMSO. Refer to Figure 1.
PCMRO
Receive PCM data output.
PCM is the output signal after ADPCM decoder processing. This signal is output serially from MSB in
synchronization with the rising edge of BCLK and RSYNC. Refer to Figure 1.
During power-down, the PCMRO output is at “L” level.
PCMRI
Receive PCM data input.
PCM is shifted on the rising edge of the BCLK and input from MSB. Normally, this pin is connected to PCMRO.
Refer to Figure 1.
IS
Transmit ADPCM signal output.
After having encoded PCM with ADPCM, the signal is output from MSB in synchronization with the rising edge
of BCLK and XSYNC. Refer to Figure 1. This pin is at “H” level during power-down.
IR
Receive ADPCM signal input.
This input signal is shifted serially on the falling edge of BCLK and SYNC and input from MSB. Refer to Figure
1.
BCLK
Shift clock input for the PCM and ADPCM data.
The frequency is set in the range of 8 to 256 times the SYNC frequency. Refer to Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com