Electronic Components Datasheet Search
  English  ▼

X  

ML7029 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7029 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ML7029 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
FEDL7029-04
ML7029
12/29
Digital Interface
(VDD = 2.7 to 3.6 V, Ta = –20 to +70C)
Parameter
Symbol
Condition
Reference
Min.
Typ.
Max.
Unit
tSDX, tSDR
0
—
200
ns
tXD1, tRD1
0
—
200
ns
tXD2, tRD2
0
—
200
ns
Digital Input/Output Setting
Time
tXD3, tRD3
1LSTTL+100 pF
Fig. 3-1
Fig. 3-2
0
—
200
ns
t1
50
—
—
ns
t2
50
—
—
ns
t3
50
—
—
ns
t4
50
—
—
ns
t5
100
—
—
ns
t6
30
—
—
ns
t7
30
—
—
ns
t8
0
—
50
ns
t9
20
—
—
ns
t10
20
—
—
ns
t11
0
—
50
ns
—
—
3.5(*6)
Serial Port Digital Input/Output
Setting Time
t12
CL= 50 pF
Fig. 4-1
Fig. 4-2
5.0(*6)
—
—
ns
Shift Clock Frequency
fEXCK
EXCK
EXCK
—
—
10
MHz
*6: Don’t raise the DEN in the range (3.5ns to 5.0ns) delayed from falling edge of the 12
th EXCK.
AC Characteristics (Programmable Gain Stages)
(VDD = 2.7 to 3.6 V, Ta = -25 to +70C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Gain Accuracy
DG
All stages, to programmed value
SYNC = 8 kHz
–1
0
+1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com