Electronic Components Datasheet Search
  English  ▼

X  

ML7029 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7029 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ML7029 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML7029 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
FEDL7029-04
ML7029
11/29
AC Characteristics
(VDD = 2.7 to 3.6 V, Ta = –25 to +70C)
Condition
Parameter
Symbol
Freg. (Hz)
Level (dBm0)
Min.
Typ.
Max.
Unit
LB8T1
60
30
—
—
dB
LB8T2
300
–0.5
—
1.5
dB
LB8T3
1015
Reference
dB
LB8T4
3400
–0.5
—
1.0
dB
Transmit Frequency
Response
SYNC = 8 kHz
BPF
LB8T5
3970
0
12
—
—
dB
LB11T1
60
30
—
—
dB
LB11T2
300
–0.5
—
1.5
dB
LB11T3
1400
Reference
dB
LB11T4
4690
–0.5
—
1.0
dB
Transmit Frequency
Response
SYNC = 11.025 kHz
BPF
LB11T5
5470
0
12
—
—
dB
LL8T1
300
–0.5
—
0.5
dB
LL8T2
1015
Reference
dB
LL8T3
3400
–0.5
—
1.0
dB
Transmit Frequency
Response
SYNC = 8 kHz
LPF
LL8T4
3970
0
12
—
—
dB
LL11T1
300
–0.5
—
0.5
dB
LL11T2
1400
Reference
dB
LL11T3
4690
–0.5
—
1.0
dB
Transmit Frequency
Response
SYNC = 11.025 kHz
LPF
LL11T4
5470
0
12
—
—
dB
LL8R1
300
–0.5
—
0.5
dB
LL8R2
1015
Reference
dB
LL8R3
3400
–0.5
—
1.0
dB
Receive Frequency
Response
SYNC = 8 kHz
LPF
LL8R4
3970
0
12
—
—
dB
LL11R1
300
–0.5
—
0.5
dB
LL11R2
1400
Reference
dB
LL11R3
4690
–0.5
—
1.0
dB
Receive Frequency
Response
SYNC = 11.025 kHz
LPF
LL11R4
5470
0
12
—
—
dB
SD8T1
3
35
—
—
dB
Transmit S/N Ratio
SYNC = 8 kHz
(*3)
SD8T2
f = 1015 Hz
–40
28
—
—
dB
SD8R1
3
35
—
—
dB
Receive S/N Ratio
SYNC = 8 kHz
(*3)
SD8R2
f = 1015 Hz
–40
28
—
—
dB
SD16T1
3
35
—
—
dB
Transmit S/N Ratio
SYNC = 16 kHz
(*3)
SD16T2
f = 1015 Hz
–40
28
—
—
dB
SD16R1
3
35
—
—
dB
Receive S/N Ratio
SYNC = 16 kHz
(*3)
SD16R2
f = 1015 Hz
–40
28
—
—
dB
NIDLT
AIN– = SG
—
—
–68
dBm0pP
Idle Channel Noise
SYNC = 8 kHz
(*3)
NIDLR
—
(*4)
—
—
–72
dBm0pP
NIDLT
AIN– = SG
—
—
–68
dBm0pP
Idle Channel Noise
SYNC = 16 kHz
(*3)
NIDLR
—
(*4)
—
—
–72
dBm0pP
AVT
1015 Hz(GSX) SYNC = 8 kHz
0
0.285
0.320 0.359 Vrms
Absolute Signal
Amplitude (*5)
AVR
1015 Hz(VFRO) SYNC = 8 kHz
0
0.285
0.320 0.359 Vrms
*3: Use the P-message weighted filter
*4: PCMRI input code “11111111” (µ-law)
*5: 0.320 Vrms = 0 dBm0 = –7.7 dBm (600
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com