Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ML7041
Description  Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7041 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ML7041 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
FEDL7041-05
ML7041
19/28
FUNCTIONAL DESCRIPTION
Control Registers
CR0 (Basic operating mode 1)
Note: The initial value means a value set when the device is reset by the
PDN pin.
B7
B6
B5
B4
B3
B2
B1
B0
CR0
A/
SEL
SPOUT
PON
PDN
ALL
PDN
TX
PDN
RX
SLP
SLP
SEL
LNR
Initial value
0
0
0
0
0
0
0
0
B7 ....... PCM interface companding law select 0:
-law 1: A-law
B6 ....... Power-on control for output amplifies (SPO+, SPO
) 0: Power down 1: Power on
B5 ....... Power down (entire circuitry)
0: Power on 1: Power down
ORed with the inverted PDN signal. When using this data, set PDN to “L”.
The control registers are not reset by this signal.
B4 ....... Power down (transmit only)
0: Power on 1: Power down
B3 ....... Power down (receive only)
0: Power on 1: Power down
B2 ....... Slope filter enable
0: Slope filter disable 1: Slope filter enable
B1 ....... Slope filter frequency response select 0: CASE1 1: CASE2
Either CASE1 or CASE2 can be selected in Figure 8.
B0 ....... PCM interface linear code select
0: PCM companding law selected by CR0-B7
1: 14-bit linear code (2’s complement)
Figure 8 Slope Filter Frequency Characteristics
–14
–12
–10
–8
–6
–4
–2
0
2
4
6
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency [Hz]
CASE1
CASE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com