Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ML7041
Description  Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7041 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML7041 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
FEDL7041-05
ML7041
6/28
Figure 1 Analog Interface
A/D
20 k
20 k
20 k
MIC1I
MIC1O
MIC2I
MIC2O
MIC3–
MIC3+
MIC3O
R1
R2
C
C
C
R3
C
C
C
SG
VREF
R4
R5
R6
Transmit Gain
: VMIC1O/Vi = (R2/R1)
: VMIC2O/Vi = (R4/R3)
: VMIC3O/Vi = (R6/R5)
Input select
:CR1-B7, B6 “00” -> MIC1
:CR1-B7, B6 “01” -> MIC2
:CR1-B7, B6 “10” -> MIC3
:CR1-B7, B6 “11” -> no-input
Receive Gain
:Vspo/VEXTO = (R8/R7)2
Output select
:CR1-B5, B4 “00” -> EXTO
:CR1-B5, B4 “01” -> EAR1O
:CR1-B5, B4 “10” -> EAR2O
:CR1-B5, B4 “11” -> no-output
Vi
Vi
Vi
EAR1O
EAR2O
SPO–
SPO+
EXTO
D/A
EXTI
R7
R8
C
VEXTO
VSPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com