Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ML7041
Description  Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7041 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ML7041 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
FEDL7041-05
ML7041
20/28
CR1 (Basic operating mode 2)
B7
B6
B5
B4
B3
B2
B1
B0
CR1
MIC
SEL1
MIC
SEL0
SP
SEL1
SP
SEL0
SHORT
FRAME
—
SW
C/A
RX
PAD
Initial Value
0
0
0
0
0
0
0
0
B7, B6….. Selection of an input amplifier to encoder
(B7, B6) = (0, 0): MIC1
= (0, 1): MIC2
= (1, 0): MIC3
= (1, 1): No input
Amplifiers which are not selected are powered down and their outputs go in the high impedance
state.
B5, B4….. Selection of an output amplifier
(B5, B4) = (0, 0): EXTO
= (0, 1): EAR1O
= (1, 0): EAR2O
= (1, 1): No output
Amplifiers which are not selected are powered down and their outputs go in the high impedance
state.
B3 ……. Short frame synchronous interface select
0: Long frame synchronous interface,
1: Short frame synchronous interface
B2 ……. Not used. When writing data, write “0”.
B1 ……. Analog switch control
0: The SWB pin is internally connected to the SWA pin.
1: The SWB pin is internally connected to the SWC pin.
The unconnected pins go in a high impedance state.
B0 ……. Receive side PAD
0: No pad
1: A pad of 12 dB loss is inserted in the receive side voice path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com