Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML7041
Description  Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7041 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML7041 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FEDL7041-05
Issue Date: Dec. 3, 2007
ML7041
Audio CODEC
1/28
GENERAL DESCRIPTION
The ML7041 is a single-channel full duplex CODEC LSI device which performs mutual transcoding between the
analog voice band signals ranging from 300 to 3400 Hz and the 64 kbps PCM serial data.
Provided with such functions as DTMF Tone generation, transmit/receive data gain control, side-tone path, and
low-dropout regulator, the ML7041 is best suited for telephone terminals in digital wireless systems.
FEATURES
 Single 3 V power supply
VDD: 2.4 to 3.3 V
 Coding format: PCM -law/PCM A-law/14-bit linear mode selectable
 PCM interface timing: Long frame synchronous timing/short frame synchronous timing selectable
 Transmit/receive full-duplex operation
 Serial PCM transmission data rate:
64 to 2048 kbps
 Low power consumption
Operating mode:
15 mW typ. (VDD = 3.0 V)
Power-down mode:
3
W typ. (VDD = 3.0 V)
 Master clock frequency:
2.048 MHz (compatible with PCM shift clock)
 Analog output stage
100 mW (differential type) amplifier output for driving receiver speaker:
Capable of driving an 8
 load.
6.6 mW (single type) amplifier output for driving earphones speaker:
Capable of driving a 32
 load.
 Built-in two low-dropout regulators (150 mA  2)
 Built-in four general purpose drivers (150 mA  4)
 Transmit/receive mute, transmit/receive programmable gain control
 Built-in side tone path
 Built-in DTMF tone generator
 Transmit slope filter selectable
 I2C bus interface (MCU interface)
 Built-in transmit voice signal detector
 Package: 48-pin plastic TQFP (TQFP48-P-0707-0.50-K) (ML7041 TB)


Similar Part No. - ML7041

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7041 OKI-ML7041 Datasheet
236Kb / 28P
single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
Audio CODEC
logo
OKI electronic componet...
ML7041TB OKI-ML7041TB Datasheet
236Kb / 28P
single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
More results

Similar Description - ML7041

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
Full-duplex operation
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
Supports full-duplex operation
logo
Integrated Device Techn...
F5280 IDT-F5280 Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
logo
Renesas Technology Corp
F5268 RENESAS-F5268 Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5280 RENESAS-F5280 Datasheet
230Kb / 3P
Transmit/Receive Half-Duplex IC 25GHz to 31GHz
F5288 RENESAS-F5288 Datasheet
234Kb / 3P
Transmit/Receive Half Duplex IC 26.5GHz to 29.5GHz
logo
Maxim Integrated Produc...
78Q2123 MAXIM-78Q2123 Datasheet
351Kb / 37P
Full duplex operation capable
Rev. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com