Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML7041
Description  Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7041 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML7041 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
FEDL7041-05
ML7041
8/28
SYNC
8 kHz synchronous signal input for transmit and receive PCM data.
Synchronize this signal with BCLK signal. This signal is used to indicate the MSB of the PCM data stream.
PCMOUT
Transmit PCM data output. The PCM output signal is output from MSB, synchronously with the rising edges of
BCLK and SYNC. Refer to Figure 2. This is a logic output pin so that external pull-up is not required. This pin
outputs logic "L" except during effective PCM data bits, and outputs logic "H" during power-down.
PCMIN
Receive PCM data input.
The PCM input signal is shifted in on the falling edge of BCLK and is input from MSB.
Refer to Figure 2.
Figure 2 PCM Interface Basic Timing Diagram
BCLK
SYNC
MSB
LSB
PCMIN or
PCMOUT
* 14 bits when linear mode is selected
8 kHz (125 µs)
(b) Short frame synchronous interface
8 kHz (125 µs)
BCLK
SYNC
MSB
LSB
PCMIN or
PCMOUT
* 14 bits when linear mode is selected
(a) Long frame synchronous interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com