Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML7041
Description  Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7041 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML7041 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
FEDL7041-05
ML7041
7/28
SG
Analog signal ground.
The output voltage of this pin is approximately 1.4 V. Put the bypass capacitors 0.1 µF ceramic type between this
pin and GND to get the specified noise characteristics. During power-down, this output voltage is 0 V.
SWA, SWB, SWC
Used for an internal analog switch. The pin SWB is connected to the pin SWA or the pin SWC. This is controlled
by CR1-B1.
RG1PDN, RG1IN, RG1O
Used for Regulator 1. The RG1PDN pin is a power down input. When set to “L”, the Regulator 1 changes to the
power down state. Since the power down is controlled by a logical OR with CR5-B4 of the control register, set
CR5-B4 to logic “0” when using this pin. The RG1IN pin is input to the Regulator 1. The RG1O pin is output from
the Regulator 1, whose voltage is 3.0 V. A 1
F ceramic type bypass capacitor must be connected between the
power input pin and GND, and a 10
F tantalum bypass capacitor must be connected from the output pin to GND.
RG2PDN, RG2IN, RG2O
Used for Regulator 2. The RG2PDN pin is a power down input. When set to “L”, the Regulator 2 changes to the
power down state. Since the power down is controlled by a logical OR with CR5-B5 of the control register, set
CR5-B5 to logic “0” when using this pin. The RG2IN pin is the input to the Regulator 2. The RG2O pin is the
output from the Regulator 2, whose voltage is 3.0 V. A 1
F ceramic type bypass capacitor must be connected
between the power input pin and GND, and a 10
F tantalum bypass capacitor must be connected from the output
pin to GND.
Note1:The RG1O and RG2O outputs must not be used as the 3 V supply for the ML7041.
Note2:The RG1IN and RG2IN should be common near the device and supplied from the same power supply.
GP1, GP2, GP3, GP4
General purpose driver output. Each pin is controlled by CR5-B1 through CR5-B4. By selecting CR5-B7, the GP1
pin can be controlled by the receive side sign bit.
VDD, VA, VA1, VA2, VA3
VDD is the digital power supply. VA, VA1, VA2, and VA3 are the analog power supply pins. Since these pins are
separated in the device, connect them as close as possible on the PCB.
DG, AG, AG1, AG2, AG3, AGR1, AGR2, AGGP1, AGGP2
Ground. DG is the digital ground. AG, AG1, AG2, AG3, AGR1, AGR2, AGGP1 and AGGP2 are the analog
ground. Since these pins are separated in the device, connect them as close as possible on the PCB.
PDN
Power down and reset control input.
When set to digital “L”, the device changes to the power down state and the control register is reset. Since the
power down mode is controlled by a logical OR with CR0-B5 of the control register, set CR0-B5 to logic “0” when
using this pin. The reset pulse width must be 200 ns or more. Be sure to reset the control register after turning on
the power.
MCK
Master clock input.
The frequency must be 2.048 MHz. MCK can be asynchronous with SYNC and BCLK.
If a frequency of BCLK is 2.048 MHz, the BCLK can be shared with MCK.
BCLK
Shift clock input for the PCM data.
The frequency is set in the range of 64 kHz to 2048 kHz for A/µ-law PCM data and set in the range of 128 kHz to
2048 kHz for linear code selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com