Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ML7041
Description  Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7041 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ML7041 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
FEDL7041-05
ML7041
2/28
BLOCK DIAGRAM
A/D
Slope
Filter
BPF
MCU I/F
(I
2C)
D/A
LPF
TONE/DTMF
Gen
PCM
Com-p
and
PCM
Expand
Voice
detect
20 k
20 k
20 k
Regulator1
(150 mA)
Regulator2
(150 mA)
MIC1I
MIC1O
MIC2I
MIC2O
MIC3–
MIC3+
MIC3O
EAR1O
EAR2O
PCMOUT
PCMIN
RG1IN (3.6 V)
RG1O (3.0 V)
RG1PDN (3.0 V/0 V)
RG2IN (3.6 V)
RG2O (3.0 V)
RG2PDN (3.0 V/0 V)
GP1 (150 mA)
GP2 (150 mA)
GP3 (150 mA)
GP4 (150 mA)
AGGP
32

32

BCLK
SYNC
8

8

VREF
SG
20 k
CR0-B2
CR1-B1
CR3-B7,6,5
CR3-B3,2,1,0
CR4-B6
CR0-B0
CR0-B0
CR2-B2,1,0
CR5-B3,2,1,0
CR5-B7
CR1-B5,4
CR1-B7,6
Sign bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com