Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ML7041
Description  Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7041 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ML7041 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
FEDL7041-05
ML7041
4/28
PIN DESCRIPTIONS
Pin
Symbol
Type
Description
State in power-down mode
1
AG
—
Analog ground (0 V)
—
2
EAR2O
O
Receive side voice amplifier output 2
High impedance
3
EAR1O
O
Receive side voice amplifier output 1
High impedance
4
VA1
—
Analog power supply 1 (3.0 V)
—
5
EXTO
O
Receive side voice amplifier output
High impedance
6
EXTI
I
Receive side voice amplifier input
—
7
VA2
—
Analog power supply 2 (3.0 V)
—
8
SPO–
O
Receive side voice amplifier output–
High impedance
9
AG2
—
Analog ground 2 (0 V)
—
10
AG3
—
Analog ground 3 (0 V)
—
11
SPO+
O
Receive side voice amplifier output+
High impedance
12
VA3
—
Analog power supply 3 (3.0 V)
—
13
AGGP1
—
General purpose port ground 1 (0 V)
—
14
GP1
O
General purpose port 1 output (Open drain)
High impedance
15
GP2
O
General purpose port 2 output (Open drain)
High impedance
16
GP3
O
General purpose port 3 output (Open drain)
High impedance
17
GP4
O
General purpose port 4 output (Open drain)
High impedance
18
AGGP2
—
General purpose port ground 2 (0 V)
—
19
VDD
—
Digital power supply (3.0 V)
—
20
MCK
I
Master clock input (2.048 MHz)
—
21
SDA
I/O
I
2C data input/output (Pull-up resister required)
High impedance
22
SCL
I
I
2C shift clock input
—
23
PCMIN
I
PCM receive signal input
—
24
PCMOUT
O
PCM transmit signal output
“H”
25
DG
—
Digital ground (0 V)
—
26
BCLK
I
PCM data shift clock input
—
27
SYNC
I
PCM data shift sync signal input
—
28
PDN
I
Power down control input
“L”
29
RG1PDN
I
Power down input for regulator 1 (3.0 V/0 V)
“L”
30
RG2PDN
I
Power down input for regulator 2 (3.0 V/0 V)
“L”
31
AGR1
—
Ground for regulator 1 (0 V)
—
32
RG1O
O
Regulator 1 output (3.0 V)
“L” (RG1PDN = “L”)
33
RG1IN
I
Regulator 1 power input (3.6 V)
—
34
AGR2
—
Ground for regulator 2 (0 V)
—
35
RG2O
O
Regulator 2 power output (3.0 V)
“L” (RG2PDN = “L”)
36
RG2IN
I
Regulator 2 input (3.6 V)
—
37
VA
—
Analog power supply (3.0 V)
—
38
SWA
I/O
Analog switch A
—
39
SWB
I/O
Analog switch B
—
40
SWC
I/O
Analog switch C
—
41
MIC1I
I
Transmit side amplifier 1 inverting input
—
42
MIC1O
O
Transmit side amplifier 1 output
High impedance
43
MIC2I
I
Transmit side amplifier 2 inverting input
—
44
MIC2O
O
Transmit side amplifier 2 output
High impedance
45
MIC3+
I
Transmit side amplifier 3 non-inverting input
—
46
MIC3–
I
Transmit side amplifier 3 inverting input
—
47
MIC3O
O
Transmit side amplifier 3 output
High impedance
48
SG
O
Analog signal ground (1.4 V)
“L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com