Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML7041
Description  Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7041 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML7041 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7041 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
FEDL7041-05
ML7041
9/28
SDA, SCL
SDA is the serial data input/output pin and SCL is the serial clock line input pin. A pull-up register of 1 to 10 k
 is
required for the SDA pin. The master clock is required when data is written or read.
Transfer format
The control register can be controlled according to the I2C bus transfer format.
The control register address is 3 bits long and the register data is 8 bits long. The methods of writing and
reading of data are shown below.
register
address
7-bit slave address
“0011010”
R/W
“0”
read-back
mode bit
“0”
SDA
SCL
Figure 3 I
2C Interface Write Timing
slave address write
register address write
register data write
register
address
S
P
A
R/W
“0”
read-back
mode bit
“0”
SDA
SCL
Figure 4 I
2C Interface Read Timing: normal mode
slave address write
register address write
register data read
slave
address
R/W
“1”
slave
address
Sr
B7 B6 B5 B4 B3 B2 B1 B0
A2 A1 A0
A2 A1 A0
B7 B6 B5 B4 B3 B2 B1 B0
slave address write
A
A
register
address
S
P
A
R/W
“0”
read-back
mode bit
“1”
SDA
SCL
Figure 5 I
2C Interface Read Timing: read-back mode
slave address write
register address write
register data write
slave
address
B7
B0
A2 A1 A0
A
A
B6
B1
register data read
B7
B0
B6
B1
S
A
A
A
P
S START condition
P STOP condition
A Acknowledged (ML7041 drive SDA to “0”)
Sr Repeated START condition
Not Acknowledged
ML7041 Slave address “0011010”
Don’t care (“0” or “1”)
A
A
A
register data
register data
register data
register data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com