Electronic Components Datasheet Search
  English  ▼

X  

AT25DL161 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AT25DL161
Description  16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DL161 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AT25DL161 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
34
AT25DL161 [DATASHEET]
8795F–DFLASH–1/2013
10.5
Read OTP Security Register
The OTP Security Register can be sequentially read in a similar fashion to the Read Array operation up to the maximum
clock frequency specified by fMAX. To read the OTP Security Register, the CS pin must first be asserted and then the
opcode 77h must be clocked into the device. After the opcode has been clocked in, the three address bytes must be
clocked in to specify the starting address location of the first byte to read within the OTP Security Register. Following the
three address bytes, two dummy bytes must be clocked into the device before data can be output.
After the three address bytes and the dummy bytes have been clocked in, additional clock cycles will result in OTP
Security Register data being output on the SO pin. When the last byte (00007Fh) of the OTP Security Register has been
read, the device will continue reading from the beginning of the register (000000h). No delays will be incurred when
wrapping around from the end of the register to the beginning of the register.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-impedance state. The CS pin can
be deasserted at any time and does not require that a full byte of data be read.
Figure 10-5. Read OTP Security Register
SCK
CS
SI
SO
MSB
MSB
23
1
0
01110111
67
5
410 11
9
812
33
36
35
34
31 32
29 30
Opcode
AAAA
AAA
AA
XXX
MSB
MSB
DDDDDDDD
D
D
Address Bits A23-A0
MSB
XXXXXX
Don't Care
Data Byte 1
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com