Electronic Components Datasheet Search
  English  ▼

X  

AT25DL161 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # AT25DL161
Description  16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DL161 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button AT25DL161 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 49Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 50Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 51Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
48
AT25DL161 [DATASHEET]
8795F–DFLASH–1/2013
14.
Electrical Specifications
14.1
Absolute Maximum Ratings*
14.2
DC and AC Operating Range
14.3
DC Characteristics
Temperature under Bias . . . . . . . . . . -55
C to +125C
Storage Temperature. . . . . . . . . . . . . -65
C to +150C
All input voltages (including NC pins)
with respect to ground . . . . . . . . . . . . . .-0.6V to +4.1V
All output voltages
with respect to ground . . . . . . . . . .-0.6V to VCC + 0.5V
*Notice: Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
Functional operation of the device at these ratings or any
other conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability. Voltage extremes referenced in
the “Absolute Maximum Ratings” are intended to
accommodate short duration undershoot/overshoot
conditions, and does not imply or guarantee functional device
operation at these levels for any extended period of time.
AT25DL161
Operating Temperature (case)
Ind.
-40
C to 85C
VCC Power Supply
1.65V to 1.95V
Symbol
Parameter
Condition
Min
Typ
Max
Units
ISB
Standby Current
CS, WP, HOLD = VCC,
all inputs at CMOS levels
25
35
μA
IDPD
Deep Power-Down Current
CS, WP, HOLD = VCC,
all inputs at CMOS levels
8
10
μA
ICC1
Active Current, Read Operation
f = 100MHz; IOUT = 0mA;
CS = VIL, VCC = Max
14
20
mA
f = 85MHz; IOUT = 0mA;
CS = VIL, VCC = Max
14
20
f = 66MHz; IOUT = 0mA;
CS = VIL, VCC = Max
13
18
f = 50MHz; IOUT = 0mA;
CS = VIL, VCC = Max
13
17
f = 33MHz; IOUT = 0mA;
CS = VIL, VCC = Max
12
16
f = 20MHz; IOUT = 0mA;
CS = VIL, VCC = Max
10
15
ICC2
Active Current, Program Operation
CS = VCC, VCC = Max
17
22
mA
ICC3
Active Current, Erase Operation
CS = VCC, VCC = Max
14
22
mA
ILI
Input Leakage Current
VIN = CMOS levels
1
μA
ILO
Output Leakage Current
VOUT = CMOS levels
1
μA
VIL
Input Low Voltage
0.2 x VCC
V
VIH
Input High Voltage
0.8 x VCC
V
VOL
Output Low Voltage
IOL = 1.6mA; VCC = Min
0.2
V
VOH
Output High Voltage
IOH = -100μA; VCC = Min
VCC - 0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com