Electronic Components Datasheet Search
  English  ▼

X  

AT25DL161 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AT25DL161
Description  16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DL161 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AT25DL161 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
40
AT25DL161 [DATASHEET]
8795F–DFLASH–1/2013
11.3
Write Status Register Byte 2
The Write Status Register Byte 2 command is used to modify the RSTE and SLE bits of the Status Register. Using the
Write Status Register Byte 2 command is the only way to modify the RSTE and SLE bits in the Status Register during
normal device operation, and the SLE bit can only be modified if the sector lockdown state has not been frozen. Before
the Write Status Register Byte 2 command can be issued, the Write Enable command must have been previously issued
to set the WEL bit in the Status Register to a Logical 1.
To issue the Write Status Register Byte 2 command, the CS pin must first be asserted, and then the opcode 31h must be
clocked into the device followed by one byte of data. The one byte of data consists of three don’t-care bits, the RSTE bit
value, the SLE bit value, and three additional don’t-care bits (see Table 11-4). Any additional data bytes sent to the
device will be ignored. When the CS pin is deasserted, the RSTE and SLE bits in the Status Register will be modified,
and the WEL bit in the Status Register will be reset back to a Logical 0. The SLE bit will only be modified if the Freeze
Sector Lockdown State command has not been previously issued.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the operation, the state of
the RSTE and SLE bits will not change, and the WEL bit in the Status Register will be reset back to the Logical 0 state.
Figure 11-3. Write Status Register Byte 2
Table 11-4. Write Status Register Byte 2 Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
RSTE
SLE
X
X
X
SCK
CS
SI
SO
MSB
23
1
0
0011000
67
5
4
Opcode
10 11
9
814 15
13
12
1
MSB
XXX
D
D
X
X
X
Status Register In
Byte 2
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com