Electronic Components Datasheet Search
  English  ▼

X  

AT25DL161 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT25DL161
Description  16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DL161 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT25DL161 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
8795F–DFLASH–1/2013
Features
Single 1.65V – 1.95V supply
Serial Peripheral Interface (SPI) compatible
Supports SPI Modes 0 and 3
Supports RapidS™ operation
Supports Dual-Input Program and Dual-Output Read
Very high operating frequencies
100MHz for RapidS
85MHz for SPI
Clock-to-output time (tV) of 5ns maximum
Flexible, optimized erase architecture for code + data storage applications
Uniform 4KB, 32KB, and 64KB Block Erase
Full Chip Erase
Individual sector protection with Global Protect/Unprotect feature
32 sectors of 64KB each
Hardware controlled locking of protected sectors via WP pin
Sector Lockdown with permanent freeze option
Make any combination of 64KB sectors permanently read-only
128-byte, One-Time Programmable (OTP) Security Register
64 bytes factory preprogrammed, 64 bytes user programmable
Flexible programming
Byte/Page Program (1 to 256 bytes)
Fast program and erase times
1.0ms typical Page Program (256 bytes) time
50ms typical 4KB Block Erase time
250ms typical 32KB Block Erase time
550ms typical 64KB Block Erase time
Program and Erase Suspend/Resume
Automatic checking and reporting of erase/program failures
Software controlled reset
JEDEC Standard Manufacturer and Device ID Read Methodology
Low power dissipation
10mA Active Read current (typical at 20MHz)
8μA Deep Power-Down current (typical)
Endurance: 100,000 program/erase cycles
Data retention: 20 years
Complies with full industrial temperature range
Industry standard green (Pb/halide-free/RoHS-compliant) package options
8-lead SOIC (0.150" wide)
8-pad Ultra-thin DFN (5 x 6 x 0.6mm)
8-ball dBGA (WLCSP)
AT25DL161
16-Mbit, 1.65V Minimum SPI Serial Flash Memory
with Dual-I/O Support
DATASHEET


Similar Part No. - AT25DL161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL161 ETC2-AT25DL161 Datasheet
2Mb / 59P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DL161 RENESAS-AT25DL161 Datasheet
1Mb / 64P
16-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
11/11/22
logo
List of Unclassifed Man...
AT25DL161-MHN-T ETC2-AT25DL161-MHN-T Datasheet
2Mb / 59P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161-MHN-Y ETC2-AT25DL161-MHN-Y Datasheet
2Mb / 59P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
More results

Similar Description - AT25DL161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DF011 ETC2-AT25DF011 Datasheet
1Mb / 39P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL081 ETC2-AT25DL081_13 Datasheet
2Mb / 60P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161 ETC2-AT25DL161_14 Datasheet
2Mb / 59P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL081 DIALOG-AT25DL081 Datasheet
1Mb / 58P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
List of Unclassifed Man...
AT25DF041B ETC-AT25DF041B Datasheet
2Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DL081 RENESAS-AT25DL081 Datasheet
2Mb / 57P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
AT25XE041B RENESAS-AT25XE041B Datasheet
3Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com