Electronic Components Datasheet Search
  English  ▼

X  

AT25DL161 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # AT25DL161
Description  16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DL161 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button AT25DL161 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
45
AT25DL161 [DATASHEET]
8795F–DFLASH–1/2013
12.4
Resume from Deep Power-Down
In order to exit the Deep Power-Down mode and resume normal device operation, the Resume from Deep Power-Down
command must be issued. The Resume from Deep Power-Down command is the only command that the device will
recognize while in the Deep Power-Down mode.
To resume from the Deep Power-Down mode, the CS pin must first be asserted and then the opcode ABh must be
clocked into the device. Any additional data clocked into the device after the opcode will be ignored. When the CS pin is
deasserted, the device will exit the Deep Power-Down mode and return to the standby mode within the maximum time of
tRDPD. After the device has returned to the standby mode, normal command operations such as Read Array can be
resumed.
If the complete opcode is not clocked in before the CS pin is deasserted, or if the CS pin is not deasserted on an even
byte boundary (multiples of eight bits), then the device will abort the operation and return to the Deep Power-Down
mode.
Figure 12-4. Resume from Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
10101011
67
5
4
Opcode
High-impedance
Deep Power-Down Mode Current
Active Current
Standby Mode Current
tRDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com