Electronic Components Datasheet Search
  English  ▼

X  

AT25DL161 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AT25DL161
Description  16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DL161 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AT25DL161 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
6
AT25DL161 [DATASHEET]
8795F–DFLASH–1/2013
4.
Memory Array
To provide the greatest flexibility, the AT25DL161 memory array can be erased in four levels of granularity, including a
full Chip Erase. In addition, the array has been divided into physical sectors of uniform size, which can be individually
protected from program and erase operations. The size of the physical sectors is optimized for both code and data
storage applications, allowing both code and data segments to reside in their own isolated regions. The memory
architecture diagram illustrates the breakdown of each erase level, as well as the breakdown of each physical sector.
Figure 4-1. Memory Architecture Diagram
1-256 byte
Page Program
(02h Command)
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com