Electronic Components Datasheet Search
  English  ▼

X  

AT25DL161 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # AT25DL161
Description  16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DL161 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button AT25DL161 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 49Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 50Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
47
AT25DL161 [DATASHEET]
8795F–DFLASH–1/2013
13.
RapidS Implementation
To implement RapidS and operate at clock frequencies higher than what can be achieved in a viable SPI implementation,
a full clock cycle can be used to transmit data back and forth across the serial bus. The AT25DL161 is designed to
always clock its data out on the falling edge of the SCK signal and clock data in on the rising edge of SCK.
For full clock cycle operation to be achieved, when the AT25DL161 is clocking data out on the falling edge of SCK, the
host controller should wait until the next falling edge of SCK to latch the data in. Similarly, the host controller should clock
its data out on the rising edge of SCK in order to give the AT25DL161 a full clock cycle to latch the incoming data in on
the next rising edge of SCK.
Implementing RapidS allows a system to run at higher clock frequencies since a full clock cycle is used to accommodate
a device’s clock-to-output time, input setup time, and associated rise/fall times.
Example:
If the system clock frequency is 100MHz (10ns cycle time) with a 50% duty cycle, and the host controller
has an input setup time of 2ns, then a standard SPI implementation would require that the slave device be
capable of outputting its data in less than 3ns to meet the 2ns host controller setup time
[(10ns x 50%) – 2ns] not accounting for rise/fall times. In an SPI Mode 0 or 3 implementation, the SPI
Master is designed to clock in data on the next immediate rising edge of SCK after the SPI slave has
clocked its data out on the preceding falling edge. This essentially makes SPI a half-clock cycle protocol and
requires extremely fast clock-to-output times and input setup times in order to run at high clock frequencies.
With a RapidS implementation of this example, however, the full 10ns cycle time is available which gives the
slave device up to 8ns, not accounting for rise/fall times, to clock its data out. Likewise, with RapidS, the
host controller has more time available to output its data to the slave since the slave device would be
clocking that data in a full clock cycle later.
Figure 13-1. RapidS Operation
SCK
MOSI
MISO
tV
1
234567
81
234567
8
MOSI = Master Out, Slave In
MISO = Master In, Slave Out
The Master is the ASIC/MCU and the Slave is the memory device.
The Master always clocks data out on the rising edge of SCK and always clocks data in on the falling edge of SCK.
The Slave always clocks data out on the falling edge of SCK and always clocks data in on the rising edge of SCK.
A. Master clocks out first bit of BYTE A on the rising edge of SCK.
B. Slave clocks in first bit of BYTE A on the next rising edge of SCK.
C.
Master clocks out second bit of BYTE A on the same rising edge of SCK.
D.
Last bit of BYTE A is clocked out from the Master.
E.
Last bit of BYTE A is clocked into the slave.
F.
Slave clocks out first bit of BYTE B.
G.
Master clocks in first bit of BYTE B.
H.
Slave clocks out second bit of BYTE B.
I.
Master clocks in last bit of BYTE B.
A
B
C
D
E
F
G
1
H
BYTE A
MSB
LSB
BYTE B
MSB
LSB
Slave
CS
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com