Electronic Components Datasheet Search
  English  ▼

X  

AT25DL161 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AT25DL161
Description  16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DL161 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AT25DL161 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
9
AT25DL161 [DATASHEET]
8795F–DFLASH–1/2013
7.
Read Commands
7.1
Read Array
The Read Array command can be used to sequentially read a continuous stream of data from the device by simply
providing the clock signal once the initial starting address has been specified. The device incorporates an internal
address counter that automatically increments on every clock cycle.
Three opcodes (1Bh, 0Bh, and 03h) can be used for the Read Array command. The use of each opcode depends on the
maximum clock frequency that will be used to read data from the device. The 0Bh opcode can be used at any clock
frequency up to the maximum specified by fCLK, and the 03h opcode can be used for lower frequency read operations, up
to the maximum specified by fRDLF. The 1Bh opcode allows the highest read performance possible and can be used at
any clock frequency up to the maximum specified by fMAX; however, use of the 1Bh opcode at clock frequencies above
fCLK should be reserved for systems employing the RapidS protocol.
To perform the Read Array operation, the CS pin must first be asserted and then the appropriate opcode (1Bh, 0Bh, or
03h) must be clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in
to specify the location of the first byte to read within the memory array. Following the three address bytes, additional
dummy bytes may need to be clocked into the device, depending on which opcode is used for the Read Array operation.
If the 1Bh opcode is used, then two dummy bytes must be clocked into the device after the three address bytes. If the
0Bh opcode is used, then a single dummy byte must be clocked in after the address bytes.
After the three address bytes (and any dummy bytes) have been clocked in, additional clock cycles will result in data
being output on the SO pin. The data is always output with the MSB of a byte first. When the last byte (1FFFFFh) of the
memory array has been read, the device will continue reading from the beginning of the array (000000h). No delays will
be incurred when wrapping around from the end of the array to the beginning of the array.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-impedance state. The CS pin can
be deasserted at any time and does not require that a full byte of data be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com