Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RH850
Description  RENESAS 32-Bit MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 41Page - Renesas Technology Corp RH850 Datasheet HTML 42Page - Renesas Technology Corp RH850 Datasheet HTML 43Page - Renesas Technology Corp RH850 Datasheet HTML 44Page - Renesas Technology Corp RH850 Datasheet HTML 45Page - Renesas Technology Corp RH850 Datasheet HTML 46Page - Renesas Technology Corp RH850 Datasheet HTML 47Page - Renesas Technology Corp RH850 Datasheet HTML 48Page - Renesas Technology Corp RH850 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Data Flash Access Library - Type T01, European Release
User Interface (API)
R01US0079ED0103
45
User Manual
4.5.1 R_FDL_CMD_ERASE
The erase command can be used to erase a number of Flash blocks defined by a start block and the
number of blocks.
The members of the request structure given to R_FDL_Execute are described in the following table:
Table 3: Request structure usage for erase command
Structure member
Value
Description
command_enu
R_FDL_CMD_ERASE
Request a block erase operation
bufAddr_u32
-
Not used
idx_u32
{uint32_t number}
Number of the first block to be erased. Flash
blocks are defined by the erase granularity
that is 64 Bytes, e.g.:
block 0: 0x00 ... 0x3F
block 1: 0x40 ... 0x7F
...
cnt_u16
{uint16_t number}
Numbers of blocks to erase
accessType_enu
R_FDL_ACCESS_USER /
R_FDL_ACCESS_EEL
Selects the Flash pool in which the command
will be able to operate.
status_enu
-
This is an output member. It contains the
status of the operation during and after the
execution. Possible values are described in
the next table.
The following table describes all possible status returns:
Table 4: Erase operation returned status
Status
Background and Handling
R_FDL_BUSY
meaning
Operation started successfully
reason
No problems during execution
remedy
Call R_FDL_Handler until the Flash operation is finished,
reported by the request structure status return value
R_FDL_OK
(1)
meaning
Operation finished successfully
reason
No problems during execution
remedy
Nothing
R_FDL_SUSPENDED
(1)
meaning
An on-going Flash operation was successfully suspended
reason
Suspend processing successfully finished
remedy
Start another operation or resume the suspended
operation
R_FDL_ERR_PARAMETER
(2)
meaning
Current command is rejected
reason
Wrong command parameters:
access is made outside of physically available Data
Flash
command shall operate in User-pool but
accessType_enu is not R_FDL_ACCESS_USER
command shall operate in EEL-pool but
accessType_enu is not R_FDL_ACCESS_EEL
cnt_u16 is 0 or it is too big



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com