| Electronic Components Datasheet Search |
|
RH850 Datasheet(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RH850 Datasheet(HTML) 56 Page - Renesas Technology Corp |
|
56 / 66 page ![]() Data Flash Access Library - Type T01, European Release Library Setup and Usage R01US0079ED0103 56 User Manual The library must be configured for compilation. The file fdl_cfg.h contains defines for that. As it is included by the library source files, the file contents may be modified by the user, but the file name may not. These files reflect an example, how the library descriptor variable can be built up and passed to the function R_FDL_Init for run-time configuration. The structure of the descriptor is defined in r_fdl_types.h which needs to be included in the user application. The value definition should be done in the file fdl_descriptor.h. The constant variable definition and value assignment should be done in the file fdl_descriptor.c. If adding the files r_fdl_ descriptor.c/h to the application, only the file fdl_descriptor.h needs to be adapted by the user, while fdl_descriptor.c may remain unchanged. For usage please refer to chapter 4.2 “Run-time configuration”. 5.2.2 Delivery package directory structure and files The following table contains all files installed by the library installer: Files in red belong to the build environment, controlling the compile, link and target build process Files in blue belong to the sample application Files in green are description files only Files in black belong to the FDL Table 11: File structure of the FDL package File Description <installation_folder> Release.txt Library package release notes. <installation_folder>/Make GNUPublicLicense.txt GNU Make utility license file Readme.txt Extra information for source code of GNU Make make.exe Minimal installation of GNU Make utility libiconv2.dll libintl3.dll setup.exe GNU Make installer package <installation_folder>/<device_name>/<compiler> Build.bat Batch file to build the FDL sample application Clean.bat Batch file to clean the FDL sample application Makefile Make file that controls the build and clean process <installation_folder>/<device_name>/<compiler>/Sample dr7f701035_startup.850 (2) <for GHS compiler> Device and compiler specific start-up code cstart.asm (2) <for REC compiler> dr7f701035.ld (2) <for GHS compiler> Compiler specific linker directives dr7f701035.dir (2) <for REC compiler> dr7f701035_0.h (2) dr7f701035_irq.h (2) io_macros_v2.h (2) <for GHS compiler> Definitions of IO registers, interrupt and exceptions vector table, for RH850 device iodefine.h (2) vecttbl.asm (2) <for REC compiler> |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |