Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # RH850
Description  RENESAS 32-Bit MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 28Page - Renesas Technology Corp RH850 Datasheet HTML 29Page - Renesas Technology Corp RH850 Datasheet HTML 30Page - Renesas Technology Corp RH850 Datasheet HTML 31Page - Renesas Technology Corp RH850 Datasheet HTML 32Page - Renesas Technology Corp RH850 Datasheet HTML 33Page - Renesas Technology Corp RH850 Datasheet HTML 34Page - Renesas Technology Corp RH850 Datasheet HTML 35Page - Renesas Technology Corp RH850 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
Data Flash Access Library - Type T01, European Release
User Interface (API)
R01US0079ED0103
32
User Manual
Administration:
R_FDL_GetVersionString
The following sub-chapters describe the Flash operations that can be initiated and controlled by the
library. The operations are initiated by a library function R_FDL_Execute and later on controlled by the
library function R_FDL_Handler.
All FDL interface functions are prototyped in the header file r_fdl.h.
4.4.1 Initialization
4.4.1.1 R_FDL_Init
Outline: Initialization of the Data Flash Access Library.
Interface: C Interface
r_fdl_status_t R_FDL_Init (const r_fdl_descriptor_t * descriptor_pstr);
Arguments: Parameters
Argument
Type
Access
Description
descriptor_pstr
r_fdl_descriptor_t * R
FDL configuration descriptor (see
section 4.3.2 “r_fdl_request_t”)
Return value
Type
Description
r_fdl_status_t
R_FDL_OK
Operation finished successfully.
R_FDL_ERR_CONFIGURATION
Wrong parameters have been passed to the FDL:
Descriptor address is NULL
FDL-pool is zero
EEL-pool ends beyond FDL-pool edge
Specified CPU clock is outside limits for this device
R_FDL_ERR_INTERNAL
Initialization failed due to various factors (insufficient stack
space, unknown hardware or software issues)
Pre-
conditions:
Interrupt execution shall be disabled for a brief time during execution of this function. This
must either be done in advance by the user, or the user must properly configure provided
callback macro functions in fdl_cfg.h (see description and example below).
Post-
conditions:
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com