Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # RH850
Description  RENESAS 32-Bit MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 14Page - Renesas Technology Corp RH850 Datasheet HTML 15Page - Renesas Technology Corp RH850 Datasheet HTML 16Page - Renesas Technology Corp RH850 Datasheet HTML 17Page - Renesas Technology Corp RH850 Datasheet HTML 18Page - Renesas Technology Corp RH850 Datasheet HTML 19Page - Renesas Technology Corp RH850 Datasheet HTML 20Page - Renesas Technology Corp RH850 Datasheet HTML 21Page - Renesas Technology Corp RH850 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
Data Flash Access Library - Type T01, European Release
Functional Specifications
R01US0079ED0103
18
User Manual
3.5 Suspend / Resume mechanism
Some Data Flash operations can last a long time especially multiple erase and write. The user application
cannot always wait for the operation end because other operations have higher priority. So, from user
point of view current operation is suspend-able and can be resumed after finishing the other Flash
accesses.
From software point of view an on-going operation always ends in suspended state unless the resume is
requested beforehand. In case the Flash hardware has already finished an operation but its end result
has not already been processed by the library, the library returns the suspended status. The final
operation result is returned after successful resume request.
The FDL contains special functions to suspend and resume an ongoing operation. Please refer to chapter
4.4.3.1 “R_FDL_SuspendRequest”.
Examples of Erase or Write Suspend-Resume flow:
Figure 6: Flash Access Rights
User Pool
EEL Pool
User Pool
Data Flash / FDL Pool
User Application
EEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com