Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # RH850
Description  RENESAS 32-Bit MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 12Page - Renesas Technology Corp RH850 Datasheet HTML 13Page - Renesas Technology Corp RH850 Datasheet HTML 14Page - Renesas Technology Corp RH850 Datasheet HTML 15Page - Renesas Technology Corp RH850 Datasheet HTML 16Page - Renesas Technology Corp RH850 Datasheet HTML 17Page - Renesas Technology Corp RH850 Datasheet HTML 18Page - Renesas Technology Corp RH850 Datasheet HTML 19Page - Renesas Technology Corp RH850 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
Data Flash Access Library - Type T01, European Release
Functional Specifications
R01US0079ED0103
16
User Manual
Details on the request variable structure and its members are given later in section 4.3.3
“r_fdl_request_t”. Please also note that not all structure members are required for all commands. The
individual command descriptions in section 4.5 “Commands” provide the corresponding detailed
information.
3.3 Background Operation
The flash technology provided by Renesas enables the application to write/erase the Data Flash in
parallel to the CPU execution. In order to satisfy the operation in concurrent or distributed systems, the
command execution is divided into two steps:
1. Initiation of the command execution using R_FDL_Execute
2. Processing of the requested command state by using R_FDL_Handler
This approach comes with one important advantage: Command processing can be done centrally at one
place in the target system (normally the idle-loop or the scheduler loop), while the status of the requests
can be polled locally within the requesting tasks.
Please note that R_FDL_Execute only initiates the command execution and returns immediately with the
request-status "busy" after execution of the first internal state (or an error in case the request cannot be
accepted).
The device flash hardware is responsible for executing the operation in the background. The device
hardware operation might be divided into multiple operations, each performed on a separate occasion,
depending on the number of blocks and data items. The first operation is conducted by calling the
R_FDL_Execute function. The second and subsequent operations are triggered by calling the
R_FDL_Handler function. Thus, there is a need to call the R_FDL_Handler function multiple times.
Processing is suspended from the time each separate operation is completed until the next one is
triggered. Therefore, as the time interval between R_FDL_Handler functions call increases, so does the
overall processing time.
An exception to this background operation is R_FDL_CMD_READ command that is executed
synchronously during R_FDL_Execute function.
Figure 4: Usage of the request structure
Application
bufAddr_u32
idx_u32
cnt_u16
accessType_enu
myRequest
status_enu
FDL
command_enu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com