Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # RH850
Description  RENESAS 32-Bit MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 21Page - Renesas Technology Corp RH850 Datasheet HTML 22Page - Renesas Technology Corp RH850 Datasheet HTML 23Page - Renesas Technology Corp RH850 Datasheet HTML 24Page - Renesas Technology Corp RH850 Datasheet HTML 25Page - Renesas Technology Corp RH850 Datasheet HTML 26Page - Renesas Technology Corp RH850 Datasheet HTML 27Page - Renesas Technology Corp RH850 Datasheet HTML 28Page - Renesas Technology Corp RH850 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
Data Flash Access Library - Type T01, European Release
User Interface (API)
R01US0079ED0103
25
User Manual
The following settings should be configured by user:
1.
AUTHENTICATION_ID: A 16 byte access ID code.
The ID code is used to secure access to:
1.
On Chip Debug unit
2.
Serial programming
3.
Self-programming only on older F1x devices. Newer devices will simply ignore a wrong ID
code so self-programming feature is always available.
On older devices where ID code is still checked, a wrong code will not result in a failed
initialization but FDL commands will fail to operate with a R_FDL_ERR_PROTECTION error
status.
2.
CPU_FREQUENCY_MHZ: This defines the internal CPU frequency in MHz unit, rounded up to
the nearest integer, e.g. for 24.3 MHz set CPU_FREQUENCY_MHZ to 25. Please check the Device
Manual for limit values
3.
FDL_POOL_SIZE: It defines the number of blocks to be accessed by the FDL for user access
and EEL access. Usually it is set to the total number of blocks physically available on the device.
For example, if the device is equipped with 32 KB of Data Flash and the block size is 64 bytes,
then FDL_POOL_SIZE can be any value up to 512
4.
EEL_POOL_START: It defines the starting block of the EEL-Pool. If FDL is used without EEL on
top, the value should be set to 0
5.
EEL_POOL_SIZE: It defines the number of blocks used for the EEL-Pool. If FDL is used without
EEL on top, the value should be set to 0
FDL block size is always equal to the physical block size of Data Flash.
Example of descriptor when FDL is used alone:
/* default access code */
#define AUTHENTICATION_ID
{ 0xFFFFFFFF, \
0xFFFFFFFF, \
0xFFFFFFFF, \
0xFFFFFFFF }
#define CPU_FREQUENCY_MHZ
(80)
/* FDL pool will use 512 blocks * 64 bytes = 32KB, no EEL pool */
#define FDL_POOL_SIZE
(512)
#define EEL_POOL_START
(0)
#define EEL_POOL_SIZE
(0)
Example of descriptor when EEL is used:
/* default access code */
#define AUTHENTICATION_ID
{ 0xFFFFFFFF, \
0xFFFFFFFF, \
0xFFFFFFFF, \
0xFFFFFFFF }
#define CPU_FREQUENCY_MHZ
(80)
/* FDL pool will use 32KB, EEL pool occupies fist 16 KB */
#define FDL_POOL_SIZE
(512)
#define EEL_POOL_START
(0)
#define EEL_POOL_SIZE
(256)
EEL may be configured to use virtual blocks. A virtual block size is an integer multiple of physical block
size and it is aligned to physical blocks. Please consult EEL documentation for details.
Example of descriptor when EEL is used with virtual block size 32 times the size of physical block size:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com