Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # RH850
Description  RENESAS 32-Bit MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 27Page - Renesas Technology Corp RH850 Datasheet HTML 28Page - Renesas Technology Corp RH850 Datasheet HTML 29Page - Renesas Technology Corp RH850 Datasheet HTML 30Page - Renesas Technology Corp RH850 Datasheet HTML 31Page - Renesas Technology Corp RH850 Datasheet HTML 32Page - Renesas Technology Corp RH850 Datasheet HTML 33Page - Renesas Technology Corp RH850 Datasheet HTML 34Page - Renesas Technology Corp RH850 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
Data Flash Access Library - Type T01, European Release
User Interface (API)
R01US0079ED0103
31
User Manual
Member /
Value:
Member / Value
Description
R_FDL_OK
FDL operation successfully finished
R_FDL_BUSY
FDL operation is still ongoing
R_FDL_SUSPENDED
Data Flash operation is suspended
R_FDL_ERR_CONFIGURATION The FDL configuration (descriptor) was wrong
R_FDL_ERR_PARAMETER
An error was found in the given parameter(s)
R_FDL_ERR_PROTECTION
FDL operation stopped due to hardware error, wrong
access rights or wrong conditions
R_FDL_ERR_REJECTED
A flow error occurred (e.g. library not initialized, other
operation on-going)
R_FDL_ERR_WRITE
Data Flash write error
R_FDL_ERR_ERASE
Data Flash erase error
R_FDL_ERR_BLANKCHECK
The blank check command was stopped because the
specified area is not blank
R_FDL_ERR_COMMAND
Unknown command
R_FDL_ERR_ECC_SED
Single bit error detected by ECC
R_FDL_ERR_ECC_DED
Double bit error detected by ECC
R_FDL_ERR_INTERNAL
The current FDL command stopped due to an library
internal error (e.g. hardware errors that should never
occur or library errors which were not expected and
might result from library data manipulation by the
application)
4.4 Functions
The API functions, grouped by their role in the interface:
Initialization:
R_FDL_Init
Flash Operations:
R_FDL_Execute
R_FDL_Handler
Operation control:
R_FDL_SuspendRequest
R_FDL_ResumeRequest
R_FDL_StandBy
R_FDL_WakeUp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com