Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RH850
Description  RENESAS 32-Bit MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 8Page - Renesas Technology Corp RH850 Datasheet HTML 9Page - Renesas Technology Corp RH850 Datasheet HTML 10Page - Renesas Technology Corp RH850 Datasheet HTML 11Page - Renesas Technology Corp RH850 Datasheet HTML 12Page - Renesas Technology Corp RH850 Datasheet HTML 13Page - Renesas Technology Corp RH850 Datasheet HTML 14Page - Renesas Technology Corp RH850 Datasheet HTML 15Page - Renesas Technology Corp RH850 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
Data Flash Access Library - Type T01, European Release
Architecture
R01US0079ED0103
12
User Manual
Data Flash Hardware: This functional block represents the Flash Programming Hardware
controlled by the FDL.
2.2 Pool Definitions
The FDL pool defines the Flash blocks, the user application and a potential EEPROM Emulation (EEL)
may use for FDL Flash access. The limits of the FDL pool are taken into consideration by any of the FDL
Flash access commands. The user can define the size of the FDL pool freely at project run-time during
library initialization.
The FDL pool provides the space for the EEL Pool which is allocated by the EEL inside the FDL pool. The
EEL Pool provides the Flash space for the EEL to store the emulation data and management information.
All FDL pool space not allocated by the EEL Pool is freely usable by the user application, so is called the
User Pool.
2.3 Architecture related notes
All Data Flash related operations are executed by the FDL. Thus, the application cannot access
(Erase, Write ...) the Data Flash directly. An exception is Reading the Flash contents. As the
Flash is mapped to the CPU address space, it can be directly read by the CPU. The FDL provides
an additional read operation that will take care of possible ECCs (error correction code) errors to
allow error polling.
The FDL allows accessing the Data Flash only.
Figure 2: Pools overview
User Pool
EEL Pool
User Pool
Data Flash / FDL Pool
FDL Pool



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com