Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS80C390
Description  Dual CAN High-Speed Microprocessor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS80C390 Datasheet HTML 1Page - Dallas Semiconductor DS80C390 Datasheet HTML 2Page - Dallas Semiconductor DS80C390 Datasheet HTML 3Page - Dallas Semiconductor DS80C390 Datasheet HTML 4Page - Dallas Semiconductor DS80C390 Datasheet HTML 5Page - Dallas Semiconductor DS80C390 Datasheet HTML 6Page - Dallas Semiconductor DS80C390 Datasheet HTML 7Page - Dallas Semiconductor DS80C390 Datasheet HTML 8Page - Dallas Semiconductor DS80C390 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
1 of 58
110199
FEATURES
§ 80C52 compatible
− 8051 instruction-set compatible
− Four 8-bit I/O ports
− Three 16-bit timer/counters
− 256 bytes scratchpad RAM
§ High-Speed Architecture
− 4 clocks/machine cycle (8051=12)
− Runs DC to 40 MHz clock rates
− Frequency multiplier reduces EMI
− Single-cycle instruction in 100 ns
− 16/32-bit math coprocessor
§ 4 kB internal SRAM usable as
program/data/stack memory
§ Enhanced memory architecture
− Addresses up to 4 MB external
− Defaults to true 8051 memory compatibility
− User-enabled 22-bit program/data counter
− 16-Bit/22-bit paged/22-bit contiguous
modes
− User-selectable multiplexed / non-
multiplexed memory interface
− Optional 10 bit stack pointer
§ Two full-function CAN 2.0B controllers
− 15 message centers per controller
− Standard 11-bit or extended 29-bit
identification modes
− Supports DeviceNet, SDS, and higher layer
CAN protocols
− Disables transmitter during autobaud
− SIESTA low power mode
§ Two full-duplex hardware serial ports
§ Programmable IrDA clock
§ High integration controller includes
− Power-fail reset
− Early-warning power-fail interrupt
− Programmable watchdog timer
− Oscillator-fail detection
§ 16 total interrupt sources with 6 external
§ Available in 64-pin QFP, 68-pin PLCC
PIN ASSIGNMENT
DS80C390
Dual CAN High-Speed
Microprocessor
www.dalsemi.com
64-PIN QFP
PRELIMINARY
1
61
9
10
26
27
43
60
44
DS80C390
68-PIN PLCC
49
DS80C390
48
33
32
17
16
1
64


Similar Part No. - DS80C390

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390 Datasheet
769Kb / 155P
High-Speed Microcontroller User?셲 Guide Supplement
DS80C390 DALLAS-DS80C390 Datasheet
1Mb / 53P
Dual CAN High-Speed Microprocessor
logo
Maxim Integrated Produc...
DS80C390 MAXIM-DS80C390 Datasheet
2Mb / 52P
Dual CAN High-Speed Microprocessor
REV: 050115
DS80C390-FCR MAXIM-DS80C390-FCR Datasheet
2Mb / 52P
Dual CAN High-Speed Microprocessor
REV: 050115
DS80C390-FCR+ MAXIM-DS80C390-FCR+ Datasheet
2Mb / 52P
Dual CAN High-Speed Microprocessor
REV: 050115
More results

Similar Description - DS80C390

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-42700 AMI-AMIS-42700 Datasheet
523Kb / 16P
Dual High-Speed CAN Transceiver
logo
ON Semiconductor
AMIS-42700 ONSEMI-AMIS-42700 Datasheet
212Kb / 14P
Dual High Speed CAN Transceiver
January, 2009 ??Rev. 5
AMIS-42770 ONSEMI-AMIS-42770 Datasheet
182Kb / 13P
Dual High Speed CAN Transceiver
January, 2009 ??Rev. 3
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390_05 Datasheet
1Mb / 53P
Dual CAN High-Speed Microprocessor
logo
ON Semiconductor
NCV7441 ONSEMI-NCV7441 Datasheet
173Kb / 10P
Dual High Speed Low Power CAN Transceiver
August, 2011 ??Rev. 0
AMIS-42770 ONSEMI-AMIS-42770_14 Datasheet
137Kb / 13P
Dual High Speed CAN Transceiver
November, 2014 ??Rev. 4
logo
NXP Semiconductors
TJR1448 NXP-TJR1448 Datasheet
384Kb / 37P
Dual high-speed CAN transceiver with Standby mode
logo
ON Semiconductor
NCV7446 ONSEMI-NCV7446 Datasheet
192Kb / 13P
Dual CAN FD Transceiver, High Speed, Low Power
December, 2019 ??Rev. 2
logo
Maxim Integrated Produc...
DS80C390 MAXIM-DS80C390 Datasheet
2Mb / 52P
Dual CAN High-Speed Microprocessor
REV: 050115
logo
NXP Semiconductors
CM0902 NXP-CM0902 Datasheet
563Kb / 25P
Dual high-speed CAN transceiver
Rev. 4.0, 8/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com