Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS80C390
Description  Dual CAN High-Speed Microprocessor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS80C390 Datasheet HTML 12Page - Dallas Semiconductor DS80C390 Datasheet HTML 13Page - Dallas Semiconductor DS80C390 Datasheet HTML 14Page - Dallas Semiconductor DS80C390 Datasheet HTML 15Page - Dallas Semiconductor DS80C390 Datasheet HTML 16Page - Dallas Semiconductor DS80C390 Datasheet HTML 17Page - Dallas Semiconductor DS80C390 Datasheet HTML 18Page - Dallas Semiconductor DS80C390 Datasheet HTML 19Page - Dallas Semiconductor DS80C390 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
DS80C390
16 of 58
110199
ENHANCED DUAL DATA POINTERS
The DS80C390 contains two data pointers, DPTR0 and DPTR1, designed to improve performance in
applications that require high data throughput. Incorporating a second data pointer allows the software to
greatly speed up block data (MOVX) moves by using one data pointer as a source register and the other
as the destination register.
DPTR0 is located at the same address as the original 8051 data pointer, allowing the DS80C390 to
execute standard 8051 code with no modifications. The second data pointer, DPTR1, is split between the
DPH1 and DPL1 SFRs, similar to the DPTR0 configuration. The active data pointer is selected with the
data pointer select bit SEL (DPS.0). Any instructions that reference the DPTR (i.e., MOVX A, @DPTR),
will select DPTR0 if SEL=0, and DPTR1 if SEL=1.
Because the bits adjacent to SEL are not
implemented, the state of SEL (and thus the active data pointer) can be quickly toggled by the INC DPS
instruction without disturbing other bits in the DPS register.
Unlike the standard 8051, the DS80C390 has the ability to decrement as well as increment the data
pointers without additional instructions. When the INC DPTR instruction is executed, the active DPTR
increments or decrements according to the ID1, ID0 (DPS.7-6), and SEL (DPS.0) bits as shown. The
inactive DPTR is not affected.
DATA POINTER AUTOINCREMENT/DECREMENT CONFIGURATION Table 9
ID1
ID0
SEL
Result of INC DPTR
X
0
0
Increment DPTR0
X
1
0
Decrement DPTR0
0
X
1
Increment DPTR1
1
X
1
Decrement DPTR1
Another useful feature of the device is its ability to automatically switch the active data pointer after a
DPTR-based instruction is executed. This feature can greatly reduce the software overhead associated
with data memory block moves, which toggle between the source and destination registers. When the
Toggle Select bit (TSL;DPS.5) is set to 1, the SEL bit (DPS.0) is automatically toggled every time one of
the following DPTR related instructions is executed.
INC DPTR
MOV DPTR, #data16
MOVC A, @A+DPTR
MOVX A, @DPTR
MOVX @DPTR, A
As a brief example, if TSL is set to 1, then both data pointers can be updated with two INC DPTR
instructions. Assume that SEL=0, making DPTR the active data pointer. The first INC DPTR increments
DPTR and toggles SEL to 1. The second instruction increments DPTR1 and toggles SEL back to 0.
INC DPTR
INC DPTR
CLOCK CONTROL AND POWER MANAGEMENT
The DS80C390 includes a number of unique features that allow flexibility in selecting system clock
sources and operating frequencies. To support the use of inexpensive crystals while allowing full speed
operation, a clock multiplier is included in the processor’s clock circuit. Also, in addition to the standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com