Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS80C390
Description  Dual CAN High-Speed Microprocessor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS80C390 Datasheet HTML 28Page - Dallas Semiconductor DS80C390 Datasheet HTML 29Page - Dallas Semiconductor DS80C390 Datasheet HTML 30Page - Dallas Semiconductor DS80C390 Datasheet HTML 31Page - Dallas Semiconductor DS80C390 Datasheet HTML 32Page - Dallas Semiconductor DS80C390 Datasheet HTML 33Page - Dallas Semiconductor DS80C390 Datasheet HTML 34Page - Dallas Semiconductor DS80C390 Datasheet HTML 35Page - Dallas Semiconductor DS80C390 Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
DS80C390
32 of 58
110199
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3 V to (VCC + 0.5 V)
Voltage on VCC relative to ground
-0.3 V to 6.0 V
Operating Temperature
-40
°C to +85 °C
Storage Temperature
-55
°C to +125 °C
Soldering Temperature
160
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied.
Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
VRST
5.0
5.5
V
Power Fail Warning
VPFW
4.25
4.38
4.5
V
Min. Operating Voltage
VRST
4.0
4.13
4.25
V
Supply Current Active Mode
ICC
35
mA
1
Supply Current Idle Mode
IIDLE
15
mA
2
Supply Current Stop Mode
ISTOP
1
µA
3
Supply Current Stop Mode,
Band-gap enabled
ISPBG
200
µA
3
Input Low Level
VIL
-0.5
+0.8
V
Input High Level
VIH
2.0
VCC +0.5
V
Input High Level for XTAL1,
RST
VIH2
3.5
VCC +0.5
V
Output Low Voltage for Port 1,
3, 4, 5 @ IOL=1.6 mA
VOL1
0.45
V
10
Output Low Voltage for Port 0,
1, 2, 4,
3
-
PCE0
, RD , WR ,
RSTOL
, PSEN , and ALE,
@ IOL=3.2 mA
VOL2
0.45
V
4
Output High Voltage for Port
1,3,4,5, @ IOH= -50
µA
VOH1
2.4
V
10
Output High Voltage for Port
1,3,4,5 @ IOH= -1.5 mA
VOH2
2.4
V
5
Output High Voltage for Port
0,1,2,4,
3
-
PCE0
, RSTOL ,
PSEN
, RD , WR , and ALE
@ IOH= -8 mA
VOH3
2.4
V
4
Input Low Current for Port 1,
3, 4, 5 @0.45V
IIL
-55
µA
7
Logic 1 to 0 Transition Current
for Port 1, 3, 4, 5
IT1
-650
µA
8
Input Leakage Current for Port
0 (input mode only)
IL
-300
+300
µA
9
RST Pulldown Resistance
RRST
50
170
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com