Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS80C390
Description  Dual CAN High-Speed Microprocessor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS80C390 Datasheet HTML 8Page - Dallas Semiconductor DS80C390 Datasheet HTML 9Page - Dallas Semiconductor DS80C390 Datasheet HTML 10Page - Dallas Semiconductor DS80C390 Datasheet HTML 11Page - Dallas Semiconductor DS80C390 Datasheet HTML 12Page - Dallas Semiconductor DS80C390 Datasheet HTML 13Page - Dallas Semiconductor DS80C390 Datasheet HTML 14Page - Dallas Semiconductor DS80C390 Datasheet HTML 15Page - Dallas Semiconductor DS80C390 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
DS80C390
12 of 58
110199
MEMORY ADDRESSING
The DS80C390 incorporates three internal memory areas:
§ 256 bytes of scratchpad (or direct) RAM
§ 4 KB of SRAM configurable as various combinations of MOVX data memory, stack memory, and
MOVC program memory
§ 512 bytes of RAM reserved for the CAN message centers.
Up to 4 MB of external memory is addressed via a multiplexed or demultiplexed 20-bit address bus/8-bit
data bus and four chip enable (active during program memory access) or four peripheral enable (active
during data memory access) signals.
Three different addressing modes are supported, as selected by the AM1, AM0 bits in the ACON SFR.
16-bit address mode
16-bit address mode accesses memory similarly to the traditional 8051. It is opcode compatible with the
8051 microprocessor and identical to the byte and cycle count of the Dallas Semiconductor High-Speed
Microcontroller family. A device operating in this mode can access up to 64 KB of program and data
memory. The device defaults to this mode following any reset.
22-bit paged address mode
The 22-bit paged address mode retains binary code compatibility with the 8051 instruction set, but adds
one machine cycle to the ACALL, LCALL, RET and RETI instructions with respect to the Dallas
Semiconductor High-Speed Microcontroller family timing.
This is transparent to standard 8051
compilers. Interrupt latency is also increased by one machine cycle. In this mode, interrupt vectors are
fetched from 0000xxh.
22-bit contiguous address mode
The 22-bit contiguous addressing mode uses a full 22-bit program counter, and all modified branching
instructions automatically save and restore the entire program counter. The 22-bit branching instructions
such as ACALL, AJMP, LCALL, LJMP, MOV DPTR, RET and RETI instructions require an assembler,
compiler and linker that specifically supports these features. The INC DPTR is lengthened by one cycle
but remains byte count compatible with the standard 8051 instruction set.
Internally, the device uses a 22-bit program counter. The lowest order 22 bits are used for memory
addressing, with a special 23
rd bit used to map the 4KB SRAM above the 4 MB memory space in
bootstrap loader applications.
Address bits 16-23 for the 22-bit addressing modes are generated via
additional SFRs dependent on the type of instruction as shown below.
EXTENDED ADDRESS GENERATION: Table 2
Address bits 23-16
Address bits 15-8
Address bits 7-0
MOVX instructions using DPTR
DPX;93h
DPH;83h
DPL;82h
MOVX instructions using DPTR1
DPX1;95h
DPH1;85h
DPL1;84h
MOVX instructions using @Ri
MXAX;EAh
P2;A0h
Ri
Addressing program memory in
22-bit paged mode
AP;9Ch
--
--
10-bit stack pointer mode
--
ESP;9Bh
SP;81h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com