Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS80C390
Description  Dual CAN High-Speed Microprocessor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS80C390 Datasheet HTML 10Page - Dallas Semiconductor DS80C390 Datasheet HTML 11Page - Dallas Semiconductor DS80C390 Datasheet HTML 12Page - Dallas Semiconductor DS80C390 Datasheet HTML 13Page - Dallas Semiconductor DS80C390 Datasheet HTML 14Page - Dallas Semiconductor DS80C390 Datasheet HTML 15Page - Dallas Semiconductor DS80C390 Datasheet HTML 16Page - Dallas Semiconductor DS80C390 Datasheet HTML 17Page - Dallas Semiconductor DS80C390 Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
DS80C390
14 of 58
110199
PROGRAM MEMORY CHIP ENABLE BOUNDARIES Table 7
P4CNT.5-3
CE0
CE1
CE2
CE3
000
0h-7FFFh
8000h-FFFFh
10000h-17FFFh
18000h-1FFFFh
100
0h-1FFFFh
20000h-3FFFFh
40000h-5FFFFh
60000h-7FFFFh
101
0h-3FFFFh
40000h-7FFFFh
80000h-BFFFFh
C0000h-FFFFFh
110
0h-7FFFFh
80000h-FFFFFh
100000h-17FFFFh 180000h-1FFFFFh
111(default)
0-FFFFFh
100000h-1FFFFFh
200000h-2FFFFFh 300000h-3FFFFFh
The DS80C390 incorporates a feature allowing PCE and CE signals to be combined. This is useful when
incorporating modifiable code memory as part of a bootstrap loader or for in-system reprogrammability.
Setting the
0
PDCE3
− (MCON.3-0) bits causes the corresponding chip enable signal to function for both
MOVC and MOVX operations. Write access to combined program and data memory blocks is controlled
by the WR signal, and read access is controlled by the PSEN signal. This feature is especially useful if
the design achieves in-system reprogrammability via external Flash memory, in which a single device is
accessed via both MOVC instructions (program fetch) and MOVX Write operations (updates to code
memory). In this case, the internal SRAM is placed in the program/data configuration and loaded with a
small bootstrap loader program stored in the external Flash memory.
The device then executes the
internal bootstrap loader routine to modify/update the program memory located in the external Flash
memory.
STRETCH MEMORY CYCLES
The DS80C390 allows user application software to select the number of machine cycles it takes to
execute a MOVX instruction, allowing access to both fast and slow off-chip data memory and/or
peripherals without glue logic. High-speed systems often include memory-mapped peripherals such as
LCDs or UARTs with slow access times, so it may not be necessary or desirable to access external
devices at full speed. The microprocessor can perform a MOVX instruction in as little as two machine
cycles or as many as twelve machine cycles. Accesses to internal MOVX SRAM always use two cycles.
Note that stretch cycle settings affect external MOVX memory operations only and that there is no way to
slow the accesses to program memory other than to use a slower crystal (or external clock).
External MOVX timing is governed by the selection of 0 to 7 Stretch cycles, controlled by the MD2-MD0
SFR bits in the Clock Control Register (CKCON.2-0). A Stretch of zero will result in a two-machine
cycle MOVX instruction. A Stretch of seven will result in a MOVX of twelve machine cycles. Software
can dynamically change the Stretch value depending on the particular memory or peripheral being
accessed.
The default of one Stretch cycle allows the use of commonly available SRAMs without
dramatically lengthening the memory access times.
Stretch cycle settings affect external MOVX timing in three gradations. Changing the Stretch value from
0 to 1 adds an additional clock cycle each to the data setup and hold times. When a Stretch value of 4 or
above is selected, the interface timing changes dramatically to allow for very slow peripherals. First, the
ALE signal is lengthened by 1 machine cycle. This increases the address setup time into the peripheral
by this amount. Next, the address is held on the bus for one additional machine cycle increasing the
address hold time by this amount. The WR and RD signals are then lengthened by a machine cycle.
Finally, during a MOVX write the data is held on the bus for one additional machine cycle, thereby
increasing the data hold time by this amount. For every Stretch value greater than 4, the setup and hold
times remain constant, and only the width of the read or write signal is increased. These three gradations
are reflected in the AC Electrical characteristics, where the eight MOVX timing specifications are
represented by only three timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com