Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 28 Page - Dallas Semiconductor

Part # DS80C390
Description  Dual CAN High-Speed Microprocessor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 28 Page - Dallas Semiconductor

Back Button DS80C390 Datasheet HTML 24Page - Dallas Semiconductor DS80C390 Datasheet HTML 25Page - Dallas Semiconductor DS80C390 Datasheet HTML 26Page - Dallas Semiconductor DS80C390 Datasheet HTML 27Page - Dallas Semiconductor DS80C390 Datasheet HTML 28Page - Dallas Semiconductor DS80C390 Datasheet HTML 29Page - Dallas Semiconductor DS80C390 Datasheet HTML 30Page - Dallas Semiconductor DS80C390 Datasheet HTML 31Page - Dallas Semiconductor DS80C390 Datasheet HTML 32Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
DS80C390
28 of 58
110199
MOVX MESSAGE CENTERS FOR CAN 1
CAN 1 CONTROL/STATUS/MASK REGISTERS
Register
7
6
5
4
3
2
1
0
MOVX Data
Address
1
C1MID0
MID07
MID06 MID05 MID04 MID03 MID02 MID01 MID00
xxxx00h
C1MA0
M0AA7 M0AA6 M0AA5 M0AA4 M0AA3 M0AA2 M0AA1 M0AA0
xxxx01h
C1MID1
MID17
MID16 MID15 MID14 MID13 MID12 MID11 MID10
xxxx02h
C1MA1
M1AA7 M1AA6 M1AA5 M1AA4 M1AA3 M1AA2 M1AA1 M1AA0
xxxx03h
C1BT0
SJW1
SJW0
BPR5
BPR4
BPR3
BPR2
BPR1
BPR0
xxxx04h
C1BT1
SMP
TSEG26 TSEG25 TSEG24 TSEG13 TSEG12 TSEG11 TSEG10
xxxx05h
C1SGM0
ID28
ID27
ID26
ID25
ID24
ID23
ID22
ID21
xxxx06h
C1SGM1
ID20
ID19
ID18
0
0
0
0
0
xxxx07h
C1EGM0
ID28
ID27
ID26
ID25
ID24
ID23
ID22
ID21
xxxx08h
C1EGM1
ID20
ID19
ID18
ID17
ID16
ID15
ID14
ID13
xxxx09h
C1EGM2
ID12
ID11
ID10
ID9
ID8
ID7
ID6
ID5
xxxx0Ah
C1EGM3
ID4
ID3
ID2
ID1
ID0
0
0
0
xxxx0Bh
C1M15M0
ID28
ID27
ID26
ID25
ID24
ID23
ID22
ID21
xxxx0Ch
C1M15M1
ID20
ID19
ID18
ID17
ID16
ID15
ID14
ID13
xxxx0Dh
C1M15M2
ID12
ID11
ID10
ID9
ID8
ID7
ID6
ID5
xxxx0Eh
C1M15M3
ID4
ID3
ID2
ID1
ID0
0
0
0
xxxx0Fh
CAN 1 MESSAGE CENTER 1
Reserved
xxxx10h - 11h
C1M1AR0
CAN 1 MESSAGE 1 ARBITRATION REGISTER 0
xxxx12h
C1M1AR1
CAN 1 MESSAGE 1 ARBITRATION REGISTER 1
xxxx13h
C1M1AR2
CAN 1 MESSAGE 1 ARBITRATION REGISTER 2
xxxx14h
C1M1AR3
CAN 1 MESSAGE 1 ARBITRATION REGISTER 3
WTOE
xxxx15h
C1M1F
DTBYC3 DTBYC2 DTBYC1 DTBYC0
T/ R
EX/ ST
MEME
MDME
xxxx16h
C1M1D0-7
CAN 1 MESSAGE 1 DATA BYTES 0 - 7
xxxx17h - 1Eh
Reserved
xxxx1Fh
CAN 1 MESSAGE CENTERS 2-14
MESSAGE CENTER 2 REGISTERS (similar to Message Center 1)
xxxx20h - 2Fh
MESSAGE CENTER 3 REGISTERS (similar to Message Center 1)
xxxx30h - 3Fh
MESSAGE CENTER 4 REGISTERS (similar to Message Center 1)
xxxx40h - 4Fh
MESSAGE CENTER 5 REGISTERS (similar to Message Center 1)
xxxx50h - 5Fh
MESSAGE CENTER 6 REGISTERS (similar to Message Center 1)
xxxx60h - 6Fh
MESSAGE CENTER 7 REGISTERS (similar to Message Center 1)
xxxx70h - 7Fh
MESSAGE CENTER 8 REGISTERS (similar to Message Center 1)
xxxx80h - 8Fh
MESSAGE CENTER 9 REGISTERS (similar to Message Center 1)
xxxx90h - 9Fh
MESSAGE CENTER 10 REGISTERS (similar to Message Center 1)
xxxxA0h - AFh
MESSAGE CENTER 11 REGISTERS (similar to Message Center 1)
xxxxB0h - BFh
MESSAGE CENTER 12 REGISTERS (similar to Message Center 1)
xxxxC0h - CFh
MESSAGE CENTER 13 REGISTERS (similar to Message Center 1)
xxxxD0h - DFh
MESSAGE CENTER 14 REGISTERS (similar to Message Center 1)
xxxxE0h - EFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com