Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 43 Page - Dallas Semiconductor

Part # DS80C390
Description  Dual CAN High-Speed Microprocessor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 43 Page - Dallas Semiconductor

Back Button DS80C390 Datasheet HTML 39Page - Dallas Semiconductor DS80C390 Datasheet HTML 40Page - Dallas Semiconductor DS80C390 Datasheet HTML 41Page - Dallas Semiconductor DS80C390 Datasheet HTML 42Page - Dallas Semiconductor DS80C390 Datasheet HTML 43Page - Dallas Semiconductor DS80C390 Datasheet HTML 44Page - Dallas Semiconductor DS80C390 Datasheet HTML 45Page - Dallas Semiconductor DS80C390 Datasheet HTML 46Page - Dallas Semiconductor DS80C390 Datasheet HTML 47Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
DS80C390
43 of 58
110199
MULTIPLEXED 9 CYCLE DATA MEMORY
3
-
CE0
WRITE
ELECTRICAL CHARACTERISTICS (Non-multiplexed address/data bus)
40 MHz
VARIABLE CLOCK
PARAMETER
SYMBOL MIN MAX
MIN
MAX
UNITS
Oscillator Freq.
(Ext. Osc)
1 / tCLCL
0
40
0
40
MHz
(Ext. Crystal)
1
40
1
40
PSEN
Pulse Width
tPLPH
0.5 tMCS - 5
ns
PSEN
Low to Valid Instruction In
tPLIV
0.5 tMCS - 20
ns
Input Instruction Hold after PSEN
tPXIX
0
0
ns
Input Instruction Float after PSEN
tPXIZ
See MOVX
characteristics
ns
Port 1 Address, Port 4 CE to
Valid Instruction In
tAVIV1
0.75 tMCS - 20
ns
Port 2, 4 Address to Valid
Instruction In
tAVIV2
0.875 tMCS - 25
ns
NOTES FOR AC ELECTRICAL CHARACTERISTICS:
1. All parameters apply to both commercial and industrial temperature operation unless otherwise noted.
2. The value tMCS is a function of the machine cycle clock in terms of the processor’s input clock
frequency. These relationships are described in the “Stretch Value Timing” table.
3. All signals characterized with load capacitance of 80 pF except Port 0, ALE, PSEN , RD and WR
with 100 pF.
4. Interfacing to memory devices with float times (turn off times) over 25 ns may cause bus contention.
This will not damage the parts, but will cause an increase in operating current.
5. Specifications assume a 50% duty cycle for the oscillator. Port 2 timing will change in relation to
duty cycle variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com