| Electronic Components Datasheet Search |
|
EP4CE22 Datasheet(PDF) 72 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE22 Datasheet(HTML) 72 Page - Altera Corporation |
|
72 / 488 page ![]() 5–10 Chapter 5: Clock Networks and PLLs in Cyclone IV Devices Clock Networks Cyclone IV Device Handbook, October 2012 Altera Corporation Volume 1 If you do not use dedicated clock pins to feed the GCLKs, you can use them as general-purpose input pins to feed the logic array. However, when using them as general-purpose input pins, they do not have support for an I/O register and must use LE-based registers in place of an I/O register. f For more information about how to connect the clock and PLL pins, refer to the Cyclone IV Device Family Pin Connection Guidelines. Clock Control Block The clock control block drives the GCLKs. Clock control blocks are located on each side of the device, close to the dedicated clock input pins. GCLKs are optimized for minimum clock skew and delay. Table 5–4 lists the sources that can feed the clock control block, which in turn feeds the GCLKs. In Cyclone IV devices, dedicated clock input pins, PLL counter outputs, dual-purpose clock I/O inputs, and internal logic can all feed the clock control block for each GCLK. The output from the clock control block in turn feeds the corresponding GCLK. The GCLK can drive the PLL input if the clock control block inputs are outputs of another PLL or dedicated clock input pins. There are five or six clock control blocks on each side of the device periphery—depending on device density; providing up to 30 clock control blocks in each Cyclone IV GX device. The maximum number of clock control blocks per Cyclone IV E device is 20. For the clock control block locations, refer to Figure 5–2 on page 5–12, Figure 5–3 on page 5–13, and Figure 5–4 on page 5–14. 1 The clock control blocks on the left side of the Cyclone IV GX device do not support any clock inputs. The control block has two functions: ■ Dynamic GCLK clock source selection (not applicable for DPCLK, CDPCLK, and internal logic input) ■ GCLK network power down (dynamic enable and disable) Table 5–4. Clock Control Block Inputs Input Description Dedicated clock inputs Dedicated clock input pins can drive clocks or global signals, such as synchronous and asynchronous clears, presets, or clock enables onto given GCLKs. Dual -purpose clock (DPCLK and CDPCLK) I/O input DPCLK and CDPCLK I/O pins are bidirectional dual function pins that are used for high fan -out control signals, such as protocol signals, TRDY and IRDY signals for PCI, via the GCLK. Clock control blocks that have inputs driven by dual -purpose clock I/O pins are not able to drive PLL inputs. PLL outputs PLL counter outputs can drive the GCLK. Internal logic You can drive the GCLK through logic array routing to enable internal logic elements (LEs) to drive a high fan -out, low-skew signal path. Clock control blocks that have inputs driven by internal logic are not able to drive PLL inputs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |