Electronic Components Datasheet Search
  English  ▼

X  

EP4CE22 Datasheet(PDF) 96 Page - Altera Corporation

Part # EP4CE22
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE22 Datasheet(HTML) 96 Page - Altera Corporation

Back Button EP4CE22 Datasheet HTML 92Page - Altera Corporation EP4CE22 Datasheet HTML 93Page - Altera Corporation EP4CE22 Datasheet HTML 94Page - Altera Corporation EP4CE22 Datasheet HTML 95Page - Altera Corporation EP4CE22 Datasheet HTML 96Page - Altera Corporation EP4CE22 Datasheet HTML 97Page - Altera Corporation EP4CE22 Datasheet HTML 98Page - Altera Corporation EP4CE22 Datasheet HTML 99Page - Altera Corporation EP4CE22 Datasheet HTML 100Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 488 page
background image
5–34
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
PLL Reconfiguration
Cyclone IV Device Handbook,
October 2012
Altera Corporation
Volume 1
PLL Reconfiguration
PLLs use several divide counters and different VCO phase taps to perform frequency
synthesis and phase shifts. In PLLs of Cyclone IV devices, you can reconfigure both
counter settings and phase shift the PLL output clock in real time. You can also change
the charge pump and loop filter components, which dynamically affects PLL
bandwidth. You can use these PLL components to update the output clock frequency,
PLL bandwidth, and phase shift in real time, without reconfiguring the entire FPGA.
The ability to reconfigure the PLL in real time is useful in applications that might
operate at multiple frequencies. It is also useful in prototyping environments,
allowing you to sweep PLL output frequencies and adjust the output clock phase
dynamically. For instance, a system generating test patterns is required to generate
and send patterns at 75 or 150 MHz, depending on the requirements of the device
under test. Reconfiguring PLL components in real time allows you to switch between
two such output frequencies in a few microseconds.
You can also use this feature to adjust clock-to-out (tCO) delays in real time by
changing the PLL output clock phase shift. This approach eliminates the need to
regenerate a configuration file with the new PLL settings.
PLL Reconfiguration Hardware Implementation
The following PLL components are configurable in real time:
■
Pre-scale counter (N)
■
Feedback counter (M)
■
Post-scale output counters (C0–C4)
■
Dynamically adjust the charge pump current (ICP) and loop filter components
(R, C) to facilitate on-the-fly reconfiguration of the PLL bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com