| Electronic Components Datasheet Search |
|
EP4CE22 Datasheet(PDF) 35 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE22 Datasheet(HTML) 35 Page - Altera Corporation |
|
35 / 488 page ![]() Chapter 2: Logic Elements and Logic Array Blocks in Cyclone IV Devices 2–7 Document Revision History November 2009 Altera Corporation Cyclone IV Device Handbook, Volume 1 Each LAB can use two clocks and two clock enable signals. The clock and clock enable signals of each LAB are linked. For example, any LE in a particular LAB using the labclk1 signal also uses the labclkena1. If the LAB uses both the rising and falling edges of a clock, it also uses both LAB-wide clock signals. Deasserting the clock enable signal turns off the LAB-wide clock. The LAB row clocks [5..0] and LAB local interconnect generate the LAB-wide control signals. The MultiTrack interconnect inherent low skew allows clock and control signal distribution in addition to data distribution. Figure 2–6 shows the LAB control signal generation circuit. LAB-wide signals control the logic for the clear signal of the register. The LE directly supports an asynchronous clear function. Each LAB supports up to two asynchronous clear signals (labclr1 and labclr2). A LAB-wide asynchronous load signal to control the logic for the preset signal of the register is not available. The register preset is achieved with a NOT gate push-back technique. Cyclone IV devices only support either a preset or asynchronous clear signal. In addition to the clear port, Cyclone IV devices provide a chip-wide reset pin (DEV_CLRn) that resets all registers in the device. An option set before compilation in the Quartus II software controls this pin. This chip-wide reset overrides all other control signals. Document Revision History Table 2–1 shows the revision history for this chapter. Figure 2–6. Cyclone IV Device LAB-Wide Control Signals labclkena1 labclk2 labclk1 labclkena2 labclr1 Dedicated LAB Row Clocks Local Interconnect Local Interconnect Local Interconnect Local Interconnect syncload synclr labclr2 6 Table 2–1. Document Revision History Date Version Changes November 2009 1.0 Initial release. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |