Electronic Components Datasheet Search
  English  ▼

X  

EP4CE22 Datasheet(PDF) 77 Page - Altera Corporation

Part # EP4CE22
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE22 Datasheet(HTML) 77 Page - Altera Corporation

Back Button EP4CE22 Datasheet HTML 73Page - Altera Corporation EP4CE22 Datasheet HTML 74Page - Altera Corporation EP4CE22 Datasheet HTML 75Page - Altera Corporation EP4CE22 Datasheet HTML 76Page - Altera Corporation EP4CE22 Datasheet HTML 77Page - Altera Corporation EP4CE22 Datasheet HTML 78Page - Altera Corporation EP4CE22 Datasheet HTML 79Page - Altera Corporation EP4CE22 Datasheet HTML 80Page - Altera Corporation EP4CE22 Datasheet HTML 81Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 488 page
background image
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
5–15
Clock Networks
October 2012
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
From the clock sources listed above, only two clock input pins, two out of four PLL
clock outputs (two clock outputs from either adjacent PLLs), one DPCLK pin, and one
source from internal logic can drive into any given clock control block, as shown in
Figure 5–1 on page 5–11.
Out of these six inputs to any clock control block, the two clock input pins and two
PLL outputs are dynamically selected to feed a GCLK. The clock control block
supports static selection of the signal from internal logic.
Figure 5–5 shows a simplified version of the clock control blocks on each side of the
Cyclone IV GX device periphery.
The inputs to the five clock control blocks on each side of the Cyclone IV E device
must be chosen from among the following clock sources:
■
Three or four clock input pins, depending on the specific device
■
Five PLL counter outputs
■
Two DPCLK pins and two CDPCLK pins from both the left and right sides and four
DPCLK
pins from both the top and bottom
■
Five signals from internal logic
From the clock sources listed above, only two clock input pins, two PLL clock outputs,
one DPCLK or CDPCLK pin, and one source from internal logic can drive into any given
clock control block, as shown in Figure 5–1 on page 5–11.
Out of these six inputs to any clock control block, the two clock input pins and two
PLL outputs are dynamically selected to feed a GCLK. The clock control block
supports static selection of the signal from internal logic.
Figure 5–5. Clock Control Blocks on Each Side of Cyclone IV GX Device
Notes to Figure 5–5:
(1) The EP4CGX15 device has two DPCLK pins; the EP4CGX22 and EP4CGX30 devices have four DPCLK pins; the
EP4CGX50, EP4CGX75, EP4CGX110, and EP4CGX150 devices have six DPCLK pins.
(2) Each clock control block in the EP4CGX15, EP4CGX22, and EP4CGX30 devices can drive five GCLK networks. Each
clock control block in the EP4CGX50, EP4CGX75, EP4CGX110, and EP4CGX150 devices can drive six GCLK
networks.
5 or 6 (2)
GCLK
Clock Input Pins
4
DPCLK (1)
Internal Logic
Clock
Control
Block
10
PLL Outputs
5
2, 4, or 6
Five or six clock control
blocks on each side
of the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com