Electronic Components Datasheet Search
  English  ▼

X  

EP4CE22 Datasheet(PDF) 24 Page - Altera Corporation

Part # EP4CE22
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE22 Datasheet(HTML) 24 Page - Altera Corporation

Back Button EP4CE22 Datasheet HTML 20Page - Altera Corporation EP4CE22 Datasheet HTML 21Page - Altera Corporation EP4CE22 Datasheet HTML 22Page - Altera Corporation EP4CE22 Datasheet HTML 23Page - Altera Corporation EP4CE22 Datasheet HTML 24Page - Altera Corporation EP4CE22 Datasheet HTML 25Page - Altera Corporation EP4CE22 Datasheet HTML 26Page - Altera Corporation EP4CE22 Datasheet HTML 27Page - Altera Corporation EP4CE22 Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 488 page
background image
1–10
Chapter 1: Cyclone IV FPGA Device Family Overview
Cyclone IV Device Family Architecture
Cyclone IV Device Handbook,
April 2014
Altera Corporation
Volume 1
f For more information, refer to the External Memory Interfaces in Cyclone IV Devices
chapter.
Configuration
Cyclone IV devices use SRAM cells to store configuration data. Configuration data is
downloaded to the Cyclone IV device each time the device powers up. Low-cost
configuration options include the Altera EPCS family serial flash devices and
commodity parallel flash configuration options. These options provide the flexibility
for general-purpose applications and the ability to meet specific configuration and
wake-up time requirements of the applications.
Table 1–9 lists which configuration schemes are supported by Cyclone IV devices.
IEEE 1149.6 (AC JTAG) is supported on all transceiver I/O pins. All other pins
support IEEE 1149.1 (JTAG) for boundary scan testing.
f For more information, refer to the JTAG Boundary-Scan Testing for Cyclone IV Devices
chapter.
For Cyclone IV GX devices to meet the PCIe 100 ms wake-up time requirement, you
must use passive serial (PS) configuration mode for the EP4CGX15/22/30 devices
and use fast passive parallel (FPP) configuration mode for the EP4CGX30F484 and
EP4CGX50/75/110/150 devices.
f For more information, refer to the Configuration and Remote System Upgrades in
Cyclone IV Devices chapter.
The cyclical redundancy check (CRC) error detection feature during user mode is
supported in all Cyclone IV GX devices. For Cyclone IV E devices, this feature is only
supported for the devices with the core voltage of 1.2 V.
f For more information about CRC error detection, refer to the SEU Mitigation in
Cyclone IV Devices chapter.
High-Speed Transceivers (Cyclone IV GX Devices Only)
Cyclone IV GX devices contain up to eight full duplex high-speed transceivers that
can operate independently. These blocks support multiple industry-standard
communication protocols, as well as Basic mode, which you can use to implement
your own proprietary protocols. Each transceiver channel has its own pre-emphasis
and equalization circuitry, which you can set at compile time to optimize signal
integrity and reduce bit error rates. Transceiver blocks also support dynamic
reconfiguration, allowing you to change data rates and protocols on-the-fly.
Table 1–9. Configuration Schemes for Cyclone IV Device Family
Devices
Supported Configuration Scheme
Cyclone IV GX
AS, PS, JTAG, and FPP (1)
Cyclone IV E
AS, AP, PS, FPP, and JTAG
Note to Table 1–9:
(1) The FPP configuration scheme is only supported by the EP4CGX30F484 and EP4CGX50/75/110/150 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com