| Electronic Components Datasheet Search |
|
EP4CE22 Datasheet(PDF) 40 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE22 Datasheet(HTML) 40 Page - Altera Corporation |
|
40 / 488 page ![]() 3–4 Chapter 3: Memory Blocks in Cyclone IV Devices Overview Cyclone IV Device Handbook, November 2011 Altera Corporation Volume 1 Figure 3–1 shows how the wren and byteena signals control the RAM operations. When a byteena bit is deasserted during a write cycle, the old data in the memory appears in the corresponding data-byte output. When a byteena bit is asserted during a write cycle, the corresponding data-byte output depends on the setting chosen in the Quartus® II software. The setting can either be the newly written data or the old data at that location. 1 Byte enables are only supported for True Dual-Port memory configurations when both the PortA and PortB data widths of the individual M9K memory blocks are multiples of 8 or 9 bits. Packed Mode Support Cyclone IV devices M9K memory blocks support packed mode. You can implement two single-port memory blocks in a single block under the following conditions: ■ Each of the two independent block sizes is less than or equal to half of the M9K block size. The maximum data width for each independent block is 18 bits wide. ■ Each of the single-port memory blocks is configured in single-clock mode. For more information about packed mode support, refer to “Single-Port Mode” on page 3–8 and “Single-Clock Mode” on page 3–15. Figure 3–1. Cyclone IV Devices byteena Functional Waveform (1) Note to Figure 3–1: (1) For this functional waveform, New Data mode is selected. inclock wren address data q (asynch) an XXXX a0 a1 a2 a0 a1 a2 doutn ABFF FFCD ABCD ABFF FFCD ABCD byteena XX 10 01 11 XXXX XX ABCD ABCD FFFF FFFF FFFF ABFF FFCD contents at a0 contents at a1 contents at a2 rden |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |