Electronic Components Datasheet Search
  English  ▼

X  

EP4CE22 Datasheet(PDF) 38 Page - Altera Corporation

Part # EP4CE22
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE22 Datasheet(HTML) 38 Page - Altera Corporation

Back Button EP4CE22 Datasheet HTML 34Page - Altera Corporation EP4CE22 Datasheet HTML 35Page - Altera Corporation EP4CE22 Datasheet HTML 36Page - Altera Corporation EP4CE22 Datasheet HTML 37Page - Altera Corporation EP4CE22 Datasheet HTML 38Page - Altera Corporation EP4CE22 Datasheet HTML 39Page - Altera Corporation EP4CE22 Datasheet HTML 40Page - Altera Corporation EP4CE22 Datasheet HTML 41Page - Altera Corporation EP4CE22 Datasheet HTML 42Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 488 page
background image
3–2
Chapter 3: Memory Blocks in Cyclone IV Devices
Overview
Cyclone IV Device Handbook,
November 2011
Altera Corporation
Volume 1
Table 3–1 lists the features supported by the M9K memory.
f For information about the number of M9K memory blocks for Cyclone IV devices,
refer to the Cyclone IV Device Family Overview chapter in volume 1 of the Cyclone IV
Device Handbook.
Table 3–1. Summary of M9K Memory Features
Feature
M9K Blocks
Configurations (depth × width)
8192 × 1
4096 × 2
2048 × 4
1024 × 8
1024 × 9
512 × 16
512 × 18
256 × 32
256 × 36
Parity bits
v
Byte enable
v
Packed mode
v
Address clock enable
v
Single-port mode
v
Simple dual-port mode
v
True dual-port mode
v
Embedded shift register mode (1)
v
ROM mode
v
FIFO buffer (1)
v
Simple dual-port mixed width support
v
True dual-port mixed width support (2)
v
Memory initialization file (.mif)
v
Mixed-clock mode
v
Power-up condition
Outputs cleared
Register asynchronous clears
Read address registers and output registers only
Latch asynchronous clears
Output latches only
Write or read operation triggering
Write and read: Rising clock edges
Same-port read-during-write
Outputs set to Old Data or New Data
Mixed-port read-during-write
Outputs set to Old Data or Don’t Care
Notes to Table 3–1:
(1) FIFO buffers and embedded shift registers that require external logic elements (LEs) for implementing control
logic.
(2) Width modes of ×32 and ×36 are not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com