Electronic Components Datasheet Search
  English  ▼

X  

EP4CE22 Datasheet(PDF) 85 Page - Altera Corporation

Part # EP4CE22
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE22 Datasheet(HTML) 85 Page - Altera Corporation

Back Button EP4CE22 Datasheet HTML 81Page - Altera Corporation EP4CE22 Datasheet HTML 82Page - Altera Corporation EP4CE22 Datasheet HTML 83Page - Altera Corporation EP4CE22 Datasheet HTML 84Page - Altera Corporation EP4CE22 Datasheet HTML 85Page - Altera Corporation EP4CE22 Datasheet HTML 86Page - Altera Corporation EP4CE22 Datasheet HTML 87Page - Altera Corporation EP4CE22 Datasheet HTML 88Page - Altera Corporation EP4CE22 Datasheet HTML 89Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 488 page
background image
Chapter 5: Clock Networks and PLLs in Cyclone IV Devices
5–23
Clock Feedback Modes
October 2012
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Clock Feedback Modes
Cyclone IV PLLs support up to five different clock feedback modes. Each mode
allows clock multiplication and division, phase shifting, and programmable duty
cycle. For the supported feedback modes, refer to Table 5–5 on page 5–18 for
Cyclone IV GX PLLs and Table 5–6 on page 5–19 for Cyclone IV E PLLs.
1 Input and output delays are fully compensated by the PLL only if you are using the
dedicated clock input pins associated with a given PLL as the clock sources.
When driving the PLL using the GCLK network, the input and output delays may not
be fully compensated in the Quartus II software.
Source-Synchronous Mode
If the data and clock arrive at the same time at the input pins, the phase relationship
between the data and clock remains the same at the data and clock ports of any I/O
element input register.
Figure 5–12 shows an example waveform of the data and clock in this mode. Use this
mode for source-synchronous data transfers. Data and clock signals at the I/O
element experience similar buffer delays as long as the same I/O standard is used.
Source-synchronous mode compensates for delay of the clock network used,
including any difference in the delay between the following two paths:
■
Data pin to I/O element register input
■
Clock input pin to the PLL phase frequency detector (PFD) input
1 Set the input pin to the register delay chain in the I/O element to zero in the
Quartus II software for all data pins clocked by a source-synchronous mode PLL.
Also, all data pins must use the PLL COMPENSATED logic option in the Quartus II
software.
Figure 5–12. Phase Relationship Between Data and Clock in Source
-Synchronous Mode
Data pin
PLL reference
clock at input pin
Data at register
Clock at register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com